| Electronic Components Datasheet Search |
|
TSB12C01A Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB12C01A Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 38 page ![]() TSB21LV03 IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER SLLS230A – MARCH 1996 – REVISED DECEMBER 1996 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION The capacitive-isolation circuit and the transformer-isolation circuit operate basically the same. In order for signals to cross the isolation boundary, the driving side output must first be differentiated. Whenever the line state changes, the phy-LLC interface signal is driven to the new state. When the line state remains constant for more than one clock period, the signal is sent into a high-impedance state. When the output signal is at the high-impedance state, the input signals quickly return to VDD/2. The differentiation is handled internally in the phy and LLC integrated circuits. Figure 10 shows the logical line state at the output buffer, VL, when the LLC is driving, and VP when the phy is driving. 00 11 1 00 0 0 0 00 1 Z ZZZ Z Z 1 Undifferentiated Phy/LLC Interface Signal Differentiated Phy/LLC Interface Output Signal Figure 10. Differentiation of Interface Signal (ISO Terminal low) The signal at the input buffer is shown in the Figure 11. This waveform is for a 5-V device. A 3-V device would have the signals ratioed down accordingly. 00 11 1 00 0 0 0 00 1 ZZ Z Z Z Z 1 5 2.5 0 VIT+ VIT– Schmitt Trigger Input Buffer Thresholds Figure 11. Line Levels of Differentiated Interface Signals The input buffer output remains in its previous state until a hysteresis threshold is crossed, thus recreating the original undifferentiated signal. To turn the ISO terminal on for Texas Instruments devices, it must be held to a low logic level. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |