Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 10 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 6Page - Texas Instruments TSB12C01A Datasheet HTML 7Page - Texas Instruments TSB12C01A Datasheet HTML 8Page - Texas Instruments TSB12C01A Datasheet HTML 9Page - Texas Instruments TSB12C01A Datasheet HTML 10Page - Texas Instruments TSB12C01A Datasheet HTML 11Page - Texas Instruments TSB12C01A Datasheet HTML 12Page - Texas Instruments TSB12C01A Datasheet HTML 13Page - Texas Instruments TSB12C01A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
device
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDD = 3.3 V
Node transmitting
or repeating
114
mA
IDD
Supply current
DD
Node receiving
140
mA
DD
y
VDD = 3.6 V
175
mA
VDD = 3.6 V,
Power-down mode
10
mA
VIT
Power status input threshold voltage
(CPS)
RL = 400 kΩ
4.7
7.5
V
VOH
High-level output voltage
VDD = min,
IOH max
VDD–0.55
V
VOL
Low-level output voltage
VDD = max,
IOL min
0.5
V
II
Input current (LREQ, LPS, PD,
TESTM1, TESTM2, PC0, PC1,
PC2)
VI = VDD or 0
±1
µA
Ioff
Off-state output current
(CTL0, CTL1, D0, D1, D2, D3,
C/LKON)
VO = VDD or 0
±5
µA
Pullup current (RESET)
VI = 1.5 V
–20
–40
–80
µA
Pullup current (RESET)
VI = 0
–22
–45
–90
µA
Power-up reset time
(RESET)
2
ms
VTH+
Positive arbitration comparator-input
threshold voltage
89
168
mV
VTH–
Negative arbitration comparator-
input threshold voltage
–168
–89
mV
VIT
Speed-signal input threshold volt-
age
49
131
mV
VIT+
Positive input threshold voltage
(LREQ, CTLn, Dn)
VDD/2+0.12
VDD/2+0.66
V
VIT–
Negative input threshold voltage
(LREQ, CTLn, Dn)
VDD/2–0.66
VDD/2–0.12
V
VO
Output voltage (TPBIAS1,
TPBIAS2, TPBIAS3 termianls)
1.665
2.015
V
Bus holding current (LREQ, CTLn,
Dn termianls)
VI = 1/2 (VDD)
250
µA
thermal characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
R
θJA
Junction-to-free-air thermal resistance
Board mounted, No air flow
92.5
_C/W
R
θJC
Junction-to-case thermal resistance
10.4
_C/W
switching characteristics
PARAMETER
MEASURED
TEST CONDITION
MIN
TYP
MAX
UNIT
Jitter, transmit
TPA, TPB
±0.25
ns
Skew rate, transmit
Between TPA and TPB
±0.15
ns
tr
Rise time, transmit
10% to 90%
RL=56Ω,
CL=10 pF
2.2
ns
tf
Fall time, transmit
90% to 10%
RL=56Ω,
CL=10 pF
2.2
ns
tsu
Setup time, Dn, CTLn, LREQ
↑↓ to
SYSCLK
↑
50% to 50%
See Figure 1
5
ns
th
Hold time, Dn, CTLn, LREQ
↑↓ before
SYSCLK
↑
50% to 50%
See Figure 1
2
ns
td
Delay time, SYSCLK
↑ to Dn, CTLn↑↓
50% to 50%
See Figure 2
2
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com