Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 29 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 25Page - Texas Instruments TSB12C01A Datasheet HTML 26Page - Texas Instruments TSB12C01A Datasheet HTML 27Page - Texas Instruments TSB12C01A Datasheet HTML 28Page - Texas Instruments TSB12C01A Datasheet HTML 29Page - Texas Instruments TSB12C01A Datasheet HTML 30Page - Texas Instruments TSB12C01A Datasheet HTML 31Page - Texas Instruments TSB12C01A Datasheet HTML 32Page - Texas Instruments TSB12C01A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 4. Terminals That Need Isolation
TERMINAL
COMMENT
D0 – D7
Isolation circuitry required on data lines used (D0, D1 for S100; D0 – D3 for S200; D0 – D7 for S400)
CTL0, CTL1
Isolation circuitry required
LREQ
Isolation circuitry required
SCLK
Isolation circuitry required
LPS
Isolation circuitry required if implementing link-on packets. When not implementing link-on packets LPS can be tied
high in the phy power domain to always have the phy-LLC interface enabled, but it puts incorrect LLC power status
into Self-ID packet if LLC is powered down.
RESET
RESET only requires isolation circuitry if software control over hardware reset is required. Normally RESET is con-
nected to a 0.1-
µF capacitor in the phy power domain and resets itself upon power up, thus requiring no isolation
circuit. Other means of resetting the phy include:
D Initiating a bus reset results in an almost complete phy layer reset
D The power down terminal on TI low-voltage parts powers down the entire chip except for the CNA circuit
D The LLC power status terminal, when pulled low, powers down the phy-LLC interface
PD
PD only requires isolation circuitry if software control over the power-down mode is required. When control is not
required PD is normally pulled low in the phy power domain.
CNA
CNA only requires isolation circuitry when cable not active is used in the LLC power domain, for example, to deter-
mine what state to drive the PD terminal. CNA still operates when the phy is in power-down mode and gives LLC
power domain circuitry an indication when a cable has been plugged into the phy and to power up or power down
the phy. Otherwise CNA is not connected and the connected status of a phy port is determined by reading the phy
registers
C/LKON
Isolation circuitry is required if implementing link-on packets. Otherwise C/LKON is not connected to LLC power
domain.
CMC
CMC only requires isolation circuitry if software control over the state of the configuration-manager contender bit is
required. When software control is not required it may be pulled high to be a CMC or low to not be a CMC in the phy
power domain
The bus-holder isolation, as described previously, can be used with mixed voltage systems with modification.
When the driving side is at a low-power-level device then the bus holders on the high-power-level receiving side
pull a high logic level to the higher supply voltage rail. When the transition to the low side takes place, the 3.3-V
swing may not be enough to pass the thresholds if 5-V bus holders are used on the receiving side. To
compensate for this, a 3.3-V bus holder can be used on the inputs to the 5-V device (this requires the 5-V device
to have TTL input thresholds). A diode chain can lower the voltage of the power supplied to the bus holder as
shown in Figure 21. The low-voltage bus holder limits the voltage swing and the thresholds to be compatible
with the swing induced by the low-voltage driver on the other side of the isolation capacitor. When the 5-V device
(an LLC in Figure 21) has TTL inputs, the
≈3.2-V powered bus holder meets those thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com