Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 18 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 14Page - Texas Instruments TSB12C01A Datasheet HTML 15Page - Texas Instruments TSB12C01A Datasheet HTML 16Page - Texas Instruments TSB12C01A Datasheet HTML 17Page - Texas Instruments TSB12C01A Datasheet HTML 18Page - Texas Instruments TSB12C01A Datasheet HTML 19Page - Texas Instruments TSB12C01A Datasheet HTML 20Page - Texas Instruments TSB12C01A Datasheet HTML 21Page - Texas Instruments TSB12C01A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Personal Computer
Phy
Video Peripheral
Grounded
AC Input
Phy
RCA Jack Shields
or S-Video Shield
or Tripod
Figure 8. Potential Problem Due To Incorrect Shield Termination
Each node implementing IEEE 1394-1995 must be looked at independently to determine if isolation is required
for that particular application. When it is required the following section should help in determining the best
method of achieving the required isolation. There are three electrical isolation requirements described in Annex
A.4 of the IEEE 1394-1995 standard that should be followed for proper operation and safety of the serial bus.
They deal with isolation of cable shielding, cable-power isolation, and signal-line isolation. The cable shield
isolation is specified in paragraph 4.2.1.4.8 of IEEE 1394-1995 and an example is shown in Figure 3–30 of the
standard. It nominally consists of connecting the outer cable shield to chassis ground through a parallel
combination of a 1-M
Ω resistor and a 0.1-µF capacitor to provide a relatively high-impedance coupling at low
frequencies and a relatively low-impedance coupling at high frequencies. Cable power is described in section
A.4 of IEEE 1394-1995 with explanation and examples. Basically, when a node is going to source cable power,
it must use an isolating supply to provide that power. This supply can be dedicated to supplying cable power
(see Figure 9) or it can be the isolated supply of the entire node (see Figure A–2 of IEEE 1394 draft revision
8.0v2). The remainder of this document addresses signal-line isolation.
IEEE 1394-1995 phy-LLC interface isolation
Annex A in the IEEE 1394-1995 standard discusses the various places that galvanic isolation can be
implemented when necessary to achieve galvanic isolation of the node. One of the most cost effective places
to isolate a node is at the phy-LLC interface due to the relatively small number of signals that need to be isolated.
Annex J of the IEEE 1394-1995 standard illustrates two techniques to achieve phy-LLC galvanic isolation. One
method uses capacitive-isolation circuitry and the other uses a transformer-isolation circuit on each phy-LLC
signal. The capacitive isolation-circuit is able to galvanically isolate up to the working voltage of the capacitors
used in the circuit. The transformer circuit would typically be able to galvanically isolate to higher voltage levels
due to its generally higher voltage capability between primary and secondary windings.
The phy-LLC interface consists of the following signal lines: LLC request (LREQ), system clock (SYSCLK), two
interface control lines (CTL0 and CTL1), and up to 8 data lines (D0 – D7) plus several additional signals that
may or may not require galvanic isolation depending upon the design of the system. These additional signal
lines that may require isolation on Texas Instruments phys are the reset input (RESET), LLC power status (LPS),
power down (PD), configuration manager contender input with link-on output (C/LKON), and cable not active
(CNA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com