Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 9 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 5Page - Texas Instruments TSB12C01A Datasheet HTML 6Page - Texas Instruments TSB12C01A Datasheet HTML 7Page - Texas Instruments TSB12C01A Datasheet HTML 8Page - Texas Instruments TSB12C01A Datasheet HTML 9Page - Texas Instruments TSB12C01A Datasheet HTML 10Page - Texas Instruments TSB12C01A Datasheet HTML 11Page - Texas Instruments TSB12C01A Datasheet HTML 12Page - Texas Instruments TSB12C01A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
driver
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOD
Differential output voltage
56-
Ω load
172
265
mV
V(OFF) Off-state common-mode output voltage
Drivers disabled
20
mV
IO(diff)
Differential current (TPA+, TPA–, TPB+, TPB–)
Driver enabled,
Speed signaling off
–1.05†
1.05†
mA
I(SP)
Common-mode speed signaling current
(TPB+, TPB–)
200-Mbit speed signaling enabled
–2.53‡
–4.84‡
mA
† Limits are defined as the algebraic sum of TPA+ and TPA– driver currents. Limits also apply to TPB+ and TPB– as the algebraic sum of driver
currents.
‡ Limits are defined as the absolute limit of each of TPB+ and TPB– driver currents.
receiver
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
–30
30
mV
VIT
Cable bias-detect input threshold voltage, TPBn cable inputs
Driver disabled
0.6
1.0
V
IIC
Common-mode input current
Driver disabled
–20
20
µA
ZID
Differential input impedance
Driver disabled
15
6
k
Ω
pF
ZIC
Common-mode impedance
Driver disabled
20
24
k
Ω
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com