Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 30 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 26Page - Texas Instruments TSB12C01A Datasheet HTML 27Page - Texas Instruments TSB12C01A Datasheet HTML 28Page - Texas Instruments TSB12C01A Datasheet HTML 29Page - Texas Instruments TSB12C01A Datasheet HTML 30Page - Texas Instruments TSB12C01A Datasheet HTML 31Page - Texas Instruments TSB12C01A Datasheet HTML 32Page - Texas Instruments TSB12C01A Datasheet HTML 33Page - Texas Instruments TSB12C01A Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
3.3-V Bus
Holder
LLC
Phy
SCLK
SCLK
0.001
µF
5 V
3.3 V
Figure 21. Isolated Mixed-Voltage System
Determination of whether a node requires galvanic isolation of IEEE 1394-1995 nodes is a node-by-node
requirement of the system designer. Isolation of 1394 nodes requires three parts: cable shielding, cable-power
isolation, and signal-line isolation. Cable shielding requires the correct termination of the cable outer shield with
a parallel combination of a 1-M
Ω resistor and a 0.1-µF capacitor. Cable power isolation requires isolation of the
cable power supply when providing power, or keeping cable power physically separate when not providing cable
power, or keeping cable power physically separate when not using cable power exclusively for the entire node
(with no other outside connections). Texas Instruments recommends its bus-holder isolation technique for
signal-line isolation. It is superior in cost and performance to the method described in Annex J of the IEEE
1394-1995 standard. Table 5 compares the aspects of the capacitive isolation shown in the informative Annex
J of IEEE1394-1995 with the TI bus-holder isolation.
Table 5. Implementation Comparison
EXAMPLE COMPARISON FOR 200-Mbits/s NODE (DATA, CTL, LREQ, SYSCLK)
PARAMETERS
ANNEX J METHOD
TI METHOD
TI BUS-HOLDER BENEFITS
External capacitors
14
8
Reduced PWB area
Reduced complexity
Reduced cost
External resistors
48
0
Reduced PWB area
Reduced power
Reduced complexity
Reduced cost
Voltage swing
VDD/2
Rail to rail
Better noise margin
Digital differentiaters on outputs
Required
None
Reduced complexity
Reduced cost
Special threshold requirements
Required
None
Reduced complexity
Reduced cost
Isolation network power drain
Holds input cells at
VDD/2
Method causes no
impact
Minimal quiescent power drain
No special input cell requirement
Reduced cost
Hysteresis on inputs
Requires Schmitt
triggers on inputs
None
Reduced complexity
Reduced cost
Delay through network
Introduces 2-ns to
3-ns delay
Introduces near-zero
delay
Fewer timing issues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com