Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 24 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 20Page - Texas Instruments TSB12C01A Datasheet HTML 21Page - Texas Instruments TSB12C01A Datasheet HTML 22Page - Texas Instruments TSB12C01A Datasheet HTML 23Page - Texas Instruments TSB12C01A Datasheet HTML 24Page - Texas Instruments TSB12C01A Datasheet HTML 25Page - Texas Instruments TSB12C01A Datasheet HTML 26Page - Texas Instruments TSB12C01A Datasheet HTML 27Page - Texas Instruments TSB12C01A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Phy
LPS
300
Ω
3.3 VP
5 k
Ω
TIL191A
3.3 VL
Figure 14. Implementation of Isolation for DC LPS Signal Using TIL191A Optoisolator
A note on optoisolators, it is recommended that optoisolators only be used on slow signals (times in ms) like
RESET or PD that are essentially dc signals. There currently are no known optoisolators that have a large
enough bandwidth and low enough latency to meet the requirements of the data and control lines of the phy-LLC
interface. Since each system is different and requires different sequences associated with startup and power
down, it falls back to the system designer to be responsible to check all possible conditions that can occur on
the phy-LLC interface to ensure that this type of a nonsynchronized state either does not occur or is resolved
correctly.
Table 3. Phy-LLC Interface Initial Signal States
SIGNALS
PHY DEVICES†
LLC DEVICES†
SIGNALS
TSB21LV03
TSB11LV01
TSB11C01
TSB12C01A
TSB12LV21
TSB12LV31
Phy-LLC Data
L
L
L
I
I
I
Phy-LLC CTL
L
L
L
I
I
I
SCLK
49.152 MHz
49.152 MHz
49.152 MHz
I
I
I
LREQ
I
I
I
L
L
L
LPS
L
I
I
N/A
N/A
N/A
Power-On
N/A
N/A
N/A
BCLK/32
N/A
BCLK/32
RESET
I
I
I
I
I
I
PD
I
I
N/A
N/A
N/A
N/A
CMC
I
I
I
N/A
N/A
I
Link-On
Z
Z
Z
N/A
N/A
N/A
CNA
Port State
Port State
N/A
N/A
N/A
N/A
GPIO
N/A
N/A
N/A
N/A
Z
N/A
† H – driven high, I – Input, L – driven low, N/A – not applicable, Z – high-impedance state
When the phy and/or the LLC device is not designed with internal bus holders, this bus-holder isolation scheme
can still be implemented with external bus holders. Figure 15 illustrates a circuit implementation where neither
the phy or the LLC have internal bus holders. External bus holders are provided on each side of the isolation
barrier by SN74ACT1071 10-bit bus termination array with bus-holding function ICs. One SN74ACT1071 on
each side of the isolation barrier would provide up to ten signals with bus holding functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com