Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 31 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 27Page - Texas Instruments TSB12C01A Datasheet HTML 28Page - Texas Instruments TSB12C01A Datasheet HTML 29Page - Texas Instruments TSB12C01A Datasheet HTML 30Page - Texas Instruments TSB12C01A Datasheet HTML 31Page - Texas Instruments TSB12C01A Datasheet HTML 32Page - Texas Instruments TSB12C01A Datasheet HTML 33Page - Texas Instruments TSB12C01A Datasheet HTML 34Page - Texas Instruments TSB12C01A Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The TSB21LV03 is designed to operate with a LLC such as the TI TSB12LV21, TSB12LV31, and TSB12C01A.
These devices use an interface as described in Annex J of the IEEE 1394-1995 standard. Details of how the
TSB12LV21, TSB12LV31, and TSB12C01A LLC devices operate are described in the LLC data sheets
(i.e.,TSB12LV21, TSB12LV31, and TSB12C01A). The following paragraphs describe the operation of the
phy-LLC interface.
The TSB21LV03 supports 100-/200-Mbit/s data transfer and has four bidirectional data lines, D0 – D3, crossing
the interface. In 100-Mbit/s operation only D0 and D1 terminals are used. In 200 Mbit/s operation, all Dn
terminals are used for data transfer. The unused Dn terminals are driven low. In addition, there are two
bidirectional control lines CTL0 and CTL1, the 50-MHz SYSCLK line from the phy to the LLC, and the LLC
request terminal LREQ from the LLC to the phy. The TSB21LV03 has control of all bidirectional terminals. The
LLC is allowed to drive these terminals only after it has been given permission by the phy. The dedicated LREQ
request terminal is used by the LLC for any activity that it wishes to initiate.
There are four operations that may occur in the phy-LLC interface: request, status, transmit, and receive. With
the exception of the request operation, all actions are initiated by the phy.
When the phy has control of the bus the CTL0 and CTL1 lines are encoded as shown in Table 6.
Table 6. CTLn Status When Phy Has Control of the Bus
CTL0
CTL1
STATUS NAME
DESCRIPTION
0
0
Idle
No activity is occurring (this is the default mode).
0
1
Status
Status information is being sent from the phy to the LLC.
1
0
Receive
An incoming packet is being sent from the phy to the LLC.
1
1
Transmit
The LLC has been given control of the bus to send an outgoing packet.
When the LLC has control of the bus (phy permission) the CTL0 and CTL1 terminals are encoded as shown
in Table 7.
Table 7. CTLn Status When LLC Has Control of the Bus
CTL0
CTL1
STATUS NAME
DESCRIPTION
0
0
Idle
The LLC releases the bus (transmission has been completed).
0
1
Hold
The LLC is holding the bus while data is being prepared for transmission or is sending another packet
without arbitrating.
1
0
Transmit
An outgoing packet is being sent from the LLC to the phy.
1
1
Reserved
None
Request
When the LLC requests the bus or accesses a register that is located in the TSB21LV03, a serial stream of
information is sent across the LREQ line. The length of the stream varies depending on whether the transfer
is a bus request, a read command, or a write command. Regardless of the type of transfer, a start bit of 1 is
required at the beginning of the stream, and a stop bit of 0 is required at the end of the stream. Bit 0 is the most
significant bit, and is transmitted first. The LREQ terminal is required to idle low (logic level 0).
Table 8. LLC Bus-Request or Register-Access-Request Bit Length
REQUEST TYPE
NUMBER OF BITS
Bus request
7
Read register request
9
Write register request
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com