Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 12 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 8Page - Texas Instruments TSB12C01A Datasheet HTML 9Page - Texas Instruments TSB12C01A Datasheet HTML 10Page - Texas Instruments TSB12C01A Datasheet HTML 11Page - Texas Instruments TSB12C01A Datasheet HTML 12Page - Texas Instruments TSB12C01A Datasheet HTML 13Page - Texas Instruments TSB12C01A Datasheet HTML 14Page - Texas Instruments TSB12C01A Datasheet HTML 15Page - Texas Instruments TSB12C01A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
internal register configuration
The accessible internal registers of this device are listed in Table 1.
Table 1. Internal Register Configuration
Address
0
1
2
3
4
5
6
7
0000
Physical ID
R
CPS
0001
RHB
IBR
GC
0010
SPD
Rev
NP
0011
AStat1
BStat1
Ch1
Con1
Reserved
0100
AStat2
BStat2
Ch2
Con2
Reserved
0101
AStat3
BStat3
Ch3
Con3
Reserved
0110
LoopInt
CPSInt
CPS
IR
Reserved
C
0111
Reserved
1000
Reserved
Table 2. Internal Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
AStat(n)
2
Read
only
AStat contains the line state of TPAn. The status is indicated by the following:
11 = high-impedance state
01 = 1
10 = 0
00 = Invalid data state. Power-up reset initializes to this line state. This line state is also output during
transmit and receive operations. The line state outputs are generally valid during arbitration and idle condi-
tions on the bus.
BStat(n)
2
Read
only
BStat contains the line state of TPBn. The status is indicated by the following:
11 = high-impedance state
01 = 1
10 = 0
00 = Invalid data state. Power-up reset initializes to this line state. This line state is also output during
transmit and receive operations. The line state outputs are generally valid during arbitration and idle condi-
tions on the bus.
C
1
R
Bus manager capable. C indicates the state of the Bus Manager Capable input. When set, this bit is used
by the TSB21LV03 to specify in the Self-ID packet that the node is Bus Manager Capable.
Ch(n)
1
Read
only
When Ch = 1, the port is a child, otherwise it is a parent. This bit is invalid after a hardware reset or a bus
reset until tree-ID processing is completed.
Con(n)
1
Read
only
Con indicates the connection status of the port. When Con = 1, the port is connected, otherwise it is dis-
connected. This bit is set to 1 by a hardware reset and is updated to reflect the actual cable connection
status of the port during bus reset. The TSB21LV03 contains connection debounce circuitry that prevents a
new cable connection on a port from initiating a bus reset until the connection status has been stable for at
least 335 ms. A cable disconnect initiates a bus reset immediately. After a hardware reset, the TSB21LV03
sets the connection status of all ports to 0. The TSB21LV03 proceeds with the bus reset, tree-ID, and Self-
ID, but with all ports considered to be disconnected child ports. The TSB21LV03 can not transmit any sig-
nals on the serial bus ports during this time. The TSB21LV03 does report itself as root with a physical ad-
dress of 00h at the completion of Self-ID. If any port is actually connected, after the debounce delay, the
TSB21LV03 initiates another bus reset, which proceeds normally with interaction between the TSB21LV03
and its peer nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com