Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 15 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 11Page - Texas Instruments TSB12C01A Datasheet HTML 12Page - Texas Instruments TSB12C01A Datasheet HTML 13Page - Texas Instruments TSB12C01A Datasheet HTML 14Page - Texas Instruments TSB12C01A Datasheet HTML 15Page - Texas Instruments TSB12C01A Datasheet HTML 16Page - Texas Instruments TSB12C01A Datasheet HTML 17Page - Texas Instruments TSB12C01A Datasheet HTML 18Page - Texas Instruments TSB12C01A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
17 18
19
20 21 22
23 24
63 62
61
60 59
64
58
56 55 54
57
25
26 27 28 29
53 52 51
50
49
30
31
32
TSB21LV03
48
TPBIAS3
47
TPBIAS2
46
TPBIAS1
45
TPA1+
44
TPA1–
43
TPB1+
42
TPB1–
41
AGND
40
TPA2+
39
TPA2–
38
TPB2+
37
TPB2–
36
TPA3+
35
TPA3–
34
TPB3+
33
TPB3–
1
RESET
2
LPS
3
LREQ
4
VDD-5V
5
DVDD
6
DVDD
7
PD
8
DGND
9
SYSCLK
10
DGND
11
CTL0
12
CTL1
13
D0
14
D1
15
D2
16
D3
6.3 k
Ω
12 pF
12 pF
0.1
µF
0.1
µF
Link Pulse
or VDD
LLC Interface
Link VDD
VDD
Power Down
LLC Interface
400 k
Ω
Cable Power
10 k
Ω
Figure 4. External Component Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com