Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 26Page - Renesas Technology Corp FN6667 Datasheet HTML 27Page - Renesas Technology Corp FN6667 Datasheet HTML 28Page - Renesas Technology Corp FN6667 Datasheet HTML 29Page - Renesas Technology Corp FN6667 Datasheet HTML 30Page - Renesas Technology Corp FN6667 Datasheet HTML 31Page - Renesas Technology Corp FN6667 Datasheet HTML 32Page - Renesas Technology Corp FN6667 Datasheet HTML 33Page - Renesas Technology Corp FN6667 Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 30 of 34
January 9, 2015
The Enable bit (DSTE) is in the Month forward register, so the BCD
value for that register is altered with the additional bit. The Week
and Day values along with Week/Day vs Date select bit is in the
Week/Day register, so that value is also not straight BCD. Hour
and Month are normal BCD, but the Hour doesn’t use the MIL bit
since Military time PM values are already discretely different
from AM/PM time PM values. The DST reverse setting utilizes the
option to select the last week of the month for October, which
could have 4 or 5 weeks but needs to have the time change on
the last Sunday.
Note that the DSTADJ bit in the status register monitors whether
the DST forward adjustment has happened. When it is “1”, DST
forward has taken place. When it is “0”, then either DST reverse
has happened, or it has been reset either by initial power-up or if
the DSTE bit has been set to “0”.
Hour Reverse
2am
1Ch
02h
TABLE 29. DST EXAMPLE (Continued)
VARIABLE
VALUE
REGISTER
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com