Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 16Page - Renesas Technology Corp FN6667 Datasheet HTML 17Page - Renesas Technology Corp FN6667 Datasheet HTML 18Page - Renesas Technology Corp FN6667 Datasheet HTML 19Page - Renesas Technology Corp FN6667 Datasheet HTML 20Page - Renesas Technology Corp FN6667 Datasheet HTML 21Page - Renesas Technology Corp FN6667 Datasheet HTML 22Page - Renesas Technology Corp FN6667 Datasheet HTML 23Page - Renesas Technology Corp FN6667 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 20 of 34
January 9, 2015
ALPHA Register (ALPHA)
The ALPHA variable is 8 bits and is defined as the temperature
coefficient of crystal from -40°C to T0, or the ALPHA Cold (there
is an Alpha Hot register that must be programmed as well). It is
normally given in units of ppm/°C2, with a typical value of
-0.034. The ISL12020M device uses a scaled version of the
absolute value of this coefficient in order to get an integer value.
Therefore, ALPHA<7:0> is defined as the (|Actual ALPHA Value| x
2048) and converted to binary. For example, a crystal with Alpha
of -0.034ppm/°C2 is first scaled (|2048*(-0.034)| = 70d) and
then converted to a binary number of 01000110b.
The practical range of Actual ALPHA values is from -0.020 to
-0.060.
The ISL12020M has a preset ALPHA value corresponding to the
crystal in the module. This value is recalled on initial power-up
and should remain unchanged for best compensation
performance, although the user can override this preset value if
so desired.
The ALPHA register should only be changed while the TSE (Temp
Sense Enable) bit is “0”. Note that both the ALPHA and the
ALPHA Hot registers need to be programmed with values for full
range temperature compensation.
BETA Register (BETA)
TEMPERATURE SENSOR ENABLED BIT (TSE)
This bit enables the Temperature Sensing operation, including the
temperature sensor, A/D converter and FATR/FDTR register
adjustment. The default mode after power-up is disabled (TSE = 0).
To enable the operation, TSE should be set to 1 (TSE = 1). When
temp sense is disabled, the initial values for IATR and IDTR registers
are used for frequency control.
All changes to the IDTR, IATR, ALPHA and BETA registers must be
made with TSE = 0. After loading the new values, TSE can be
enabled and the new values are used. When TSE is set to 1, the
temperature conversion cycle begins and will end when two
temperature conversions are completed. The average of the two
conversions is in the TEMP registers.
TEMP SENSOR CONVERSION IN BATTERY MODE BIT
(BTSE)
This bit enables the Temperature Sensing and Correction in battery
mode. BTSE = 0 (default) no conversion, Temp Sensing or
Compensation in battery mode. BTSE = 1 indicates Temp Sensing
and Compensation enabled in battery mode. The BTSE is disabled
when the battery voltage is lower than 2.7V. No temperature
compensation will take place with VBAT<2.7V.
10
1
0
0
0
-8
10
1
0
0
1
-9
10
1
0
1
0
-10
10
1
0
1
1
-11
10
1
1
0
0
-12
10
1
1
0
1
-13
10
1
1
1
0
-14
10
1
1
1
1
-15
11
0
0
0
0
-16
11
0
0
0
1
-17
11
0
0
1
0
-18
11
0
0
1
1
-19
11
0
1
0
0
-20
11
0
1
0
1
-21
11
0
1
1
0
-22
11
0
1
1
1
-23
11
1
0
0
0
-24
11
1
0
0
1
-25
11
1
0
1
0
-26
11
1
0
1
1
-27
11
1
1
0
0
-28
11
1
1
0
1
-29
11
1
1
1
0
-30
11
1
1
1
1
-31
TABLE 13. IATRO TRIMMING RANGE (Continued)
IATR05
IATR04
IATR03
IATR02
IATR01
IATR00
TRIMMING RANGE
TABLE 14. ALPHA REGISTER
ADDR
7
6
5
4
3
210
0Ch
D
ALPHA
6
ALPHA
5
ALPHA
4
ALPHA
3
ALPHA
2
ALPHA
1
ALPHA
0
TABLE 15.
ADDR
7
6
5
4
3
2
1
0
0Dh
TSE BTSE BTSR BETA4 BETA3 BETA2 BETA1 BETA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com