Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 2Page - Renesas Technology Corp FN6667 Datasheet HTML 3Page - Renesas Technology Corp FN6667 Datasheet HTML 4Page - Renesas Technology Corp FN6667 Datasheet HTML 5Page - Renesas Technology Corp FN6667 Datasheet HTML 6Page - Renesas Technology Corp FN6667 Datasheet HTML 7Page - Renesas Technology Corp FN6667 Datasheet HTML 8Page - Renesas Technology Corp FN6667 Datasheet HTML 9Page - Renesas Technology Corp FN6667 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 6 of 34
January 9, 2015
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT and IRQ/FOUT pins
(Respect to Ground) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on SCL and SDA pins
(Respect to Ground) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Voltage on X1 and X2 pins
(Respect to Ground, Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V
ESD Rating
Human Body Model (Tested per MIL-STD-883 Method 3014) . . . . >3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300V
Latch-up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA or 1.5 * VMAX Input
Shock Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . 5000g, 0.3ms, 1/2 sine
Vibration (Ultrasound cleaning not advised) . . . . . . . . . . . 20g/10-2000Hz,
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
20 Lead DFN (Notes 4, 5) . . . . . . . . . . . . . . 40
3.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile (Note 7). . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. The X1 and X2 pins are connected internally to a crystal and should be a floating electrical connection.
7. The ISL12020M Oscillator Initial Accuracy can change after solder reflow attachment. The amount of change will depend on the reflow temperature
and length of exposure. A general rule is to use only one reflow cycle and keep the temperature and time as short as possible. Changes on the order
of ±1ppm to ±3ppm can be expected with typical reflow profiles.
DC Operating Characteristics - RTC Test Conditions: VDD = +2.7 to +5.5V, TA= -40°C to +85°C, unless otherwise stated. Boldface
limits apply across the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
(Note 9)
MAX
(Note 8)
UNITS
NOTES
VDD
Main Power Supply
(Note 10)
2.7
5.5
V
VBAT
Battery Supply Voltage
(Note 10)
1.8
5.5
V
11
IDD1
Supply Current. (I2Cnot active,
temperature conversion not active, FOUT
not active)
VDD = 5V
4.1
15
µA
12, 13
VDD = 3V
3.5
14
µA
12, 13
IDD2
Supply Current. (I2C Active, Temperature
Conversion not Active, FOUT not Active)
VDD = 5V
200
500
µA
12, 13
IDD3
Supply Current. (I2Cnot Active,
Temperature Conversion Active, FOUT not
Active)
VDD = 5V
120
400
µA
12, 13
IBAT
Battery Supply Current
VDD = 0V, VBAT = 3V, TA = +25°C
1.0
1.6
µA
12
VDD = 0V, VBAT = 3V
1.0
5.0
µA
12
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
ILO
I/O Leakage Current on SDA
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
VBATM
Battery Level Monitor Threshold
-100
+100
mV
VPBM
Brownout Level Monitor Threshold
-100
+100
mV
VTRIP
VBAT Mode Threshold
(Note 10)
2.0
2.2
2.4
V
VTRIPHYS VTRIP Hysteresis
30
mV
15
VBATHYS VBAT Hysteresis
50
mV
15
Fout25°C Oscillator Initial Accuracy
VDD = 3.3V, TA = +25°C
±2
ppm
7, 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com