Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 24Page - Renesas Technology Corp FN6667 Datasheet HTML 25Page - Renesas Technology Corp FN6667 Datasheet HTML 26Page - Renesas Technology Corp FN6667 Datasheet HTML 27Page - Renesas Technology Corp FN6667 Datasheet HTML 28Page - Renesas Technology Corp FN6667 Datasheet HTML 29Page - Renesas Technology Corp FN6667 Datasheet HTML 30Page - Renesas Technology Corp FN6667 Datasheet HTML 31Page - Renesas Technology Corp FN6667 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 28 of 34
January 9, 2015
Application Section
Power Supply Considerations
The ISL12022M contains programmed EEPROM registers which
are recalled to volatile RAM registers during initial power-up.
These registers contain DC voltage, frequency and temperature
calibration settings. Initial power-up can be either application of
VBAT or VDD power, whichever is first. It is important that the
initial power-up meet the power supply slew rate specification to
avoid faulty EEPROM power-up recall. Also, any glitches or low
voltage DC pauses should be avoided, as these may activate
recall at a low voltage and load erroneous data into the
calibration registers. Note that a very slow VDD ramp rate
(outside data sheet limits) will almost always trigger erroneous
recall and should be avoided entirely.
Battery-Backup Details
The ISL12020M has automatic switchover to battery-backup
when the VDD drops below the VBAT mode threshold. A wide
variety of backup sources can be used, including standard and
rechargeable lithium, Super Capacitors, or regulated secondary
sources. The serial interface is disabled in battery-backup, while
the oscillator and RTC registers are operational. The SRAM
register contents are powered to preserve their contents as well.
The input voltage range for VBAT is 1.8V to 5.5V, but keep in
mind the temperature compensation only operates for
VBAT > 2.7V. Note that the device is not guaranteed to operate
with a VBAT < 1.8V, so the battery should be changed before
discharging to that level. It is strongly advised to monitor the low
battery indicators in the status registers and take action to
replace discharged batteries.
If a Super Capacitor is used, it is possible that it may discharge to
below 1.8V during prolonged power-down. Once powered up, the
device may lose serial bus communications until both VDD and
VBAT are powered down together. To avoid that situation,
including situations where a battery may discharge deeply, the
circuit in Figure 21 can be used.
The diode, DBAT, will add a small drop to the battery voltage but
will protect the circuit should battery voltage drop below 1.8V.
The jumper is added as a safeguard should the battery ever need
to be disconnect from the circuit.
.
The VDD negative slew rate should be limited to below the data
sheet spec (10V/ms) otherwise battery switchover can be
delayed, resulting in SRAM contents corruption and oscillator
operation interruption.
Some applications will require separate supplies for the RTC VDD
and the I2C pullups. This is not advised, as it may compromise
the operation of the I2C bus. For applications that do require
serial bus communication with the RTC VDD powered down, the
SDA pin must be pulled low during the time the RTC VDD ramps
down to 0V. Otherwise, the device may lose serial bus
communications once VDD is powered up and will return to
normal operation ONLY once VDD and VBAT are both powered
down together.
Layout Considerations
The ISL12020M contains a quarts crystal and requires special
handling during PC board assembly. Excessive shock and vibrations
should be avoided. Ultrasound cleaning is not advisable. See Note 7
on page 6 in the electrical specifications table pertaining to solder
reflow effects on oscillator accuracy.
The crystal pins X1 and X2 have a very high impedance and
oscillator circuits operating at low frequencies (such as
32.768kHz) are known to pick up noise very easily if layout
precautions are not followed. Most instances of erratic clocking
or large accuracy errors can be traced to the susceptibility of the
oscillator circuit to interference from adjacent high speed clock
or data lines. Careful layout of the RTC circuit will avoid noise
pickup and insure accurate clocking.
FIGURE 20. READ SEQUENCE (CSR SLAVE ADDRESS SHOWN)
SIGNALS
FROM THE
MASTER
SIGNALS FROM
THE SLAVE
SIGNAL AT
SDA
S
T
A
R
T
IDENTIFICATION
BYTE WITH
R/W = 0
ADDRESS
BYTE
A
C
K
A
C
K
0
S
T
O
P
A
C
K
1
IDENTIFICATION
BYTE WITH
R/W = 1
A
C
K
S
T
A
R
T
LAST READ
DATA BYTE
FIRST READ
DATA BYTE
A
C
K
10
1
1111
10
1
11 11
FIGURE 21. SUGGESTED BATTERY-BACKUP CIRCUIT
DBAT
CBAT
CIN
BAT43W
0.1µF
0.1µF
VDD = 2.7V
TO 5.5V
VBAT = 1.8V
TO 3.2V
JBAT
ISL12020M
VDD
GND
VBAT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com