Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FN6667 Datasheet HTML 1Page - Renesas Technology Corp FN6667 Datasheet HTML 2Page - Renesas Technology Corp FN6667 Datasheet HTML 3Page - Renesas Technology Corp FN6667 Datasheet HTML 4Page - Renesas Technology Corp FN6667 Datasheet HTML 5Page - Renesas Technology Corp FN6667 Datasheet HTML 6Page - Renesas Technology Corp FN6667 Datasheet HTML 7Page - Renesas Technology Corp FN6667 Datasheet HTML 8Page - Renesas Technology Corp FN6667 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 5 of 34
January 9, 2015
Pin Configuration
ISL12020M
(20 LD DFN)
TOP VIEW
X2
X2
X2
X2
X2
X1
X1
X1
X1
X1
NC
NC
VBAT
GND
NC
VDD
IRQ/FOUT
SCL
NC
SDA
19
18
17
20
16
15
14
13
12
11
2
3
4
1
5
6
7
8
9
10
THERMAL
PAD
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1, 2, 3, 4, 5, 16,
17, 18, 19, 20
X2
X1
Crystal Connection. The X1 and X2 pins are the input and output, respectively, of an inverting amplifier and are also
connected to the internal 32.768kHz quartz crystal, which is the timebase for the real time clock. Compensation
circuitry with an internal temperature sensor provides frequency correction to ±5ppm across the temperature range
from 0°C to +85°C. The X1 and X2 pins are not to be connected to any other circuitry or power voltages and are best
left floating. Do not connect in an application circuit, floating electrical connection.
6, 9, 10, 15
NC
No connection. Do not connect to a signal or supply voltage.
7VBAT
Backup Supply. This input provides a backup supply voltage to the device. The VBAT supplies power to the device in the
event that the VDD supply fails. This pin can be connected to a battery, a Super Capacitor or tied to ground if not used.
See the Battery Monitor parameter in the “Electrical Specifications” table “DC Operating Characteristics - RTC” on
page 6.
11
SDA
Serial Data. The SDA is a bidirectional pin used to transfer data into and out of the device. It has an open-drain output
and may be ORed with other open-drain or open collector outputs. The input buffer is always active (not gated) in normal
mode.
An open-drain output requires the use of a pull-up resistor. The output circuitry controls the fall time of the output signal
with the use of a slope controlled pull-down. The circuit is designed for 400kHz I2C interface speeds. It is disabled when
the backup power supply on the VBAT pin is activated. The SDA is a bidirectional pin used to transfer serial data into and
out of the device. It has an open-drain output and may be wire OR’ed with other open-drain or open collector outputs.
12
SCL
Serial Clock. The SCL input is used to clock all serial data into and out of the device. The input buffer on this pin is always
active (not gated). It is disabled when the backup power supply on the VBAT pin is activated to minimize power
consumption.
13
IRQ/FOUT Interrupt Output/Frequency Output (Default 32.768kHz frequency output). This dual function pin can be used as an
interrupt or frequency output pin. The IRQ/FOUT mode is selected via the frequency out control bits of the control/status
register. Multi-functional pin that can be used as interrupt or frequency output pin. The function is set via the
configuration register. The output is open drain and requires a pull-up resistor.
Interrupt Mode. The pin provides an interrupt signal output. This signal notifies a host processor that an alarm has
occurred and requests action. It is an open-drain active low output.
Frequency Output Mode. The pin outputs a clock signal, which is related to the crystal frequency. The frequency output
is user selectable and enabled via the I2C bus. It is an open-drain output.
14
VDD
Power supply. Chip power supply and ground pins. The device will operate with a power supply from VDD = 2.7V to
5.5VDC. A 0.1µF capacitor is recommended on the VDD pin to ground.
8GND
Ground Pin
Thermal Pad
NC
No Connection. Do not connect to a signal or supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com