Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN6667 Datasheet HTML 1Page - Renesas Technology Corp FN6667 Datasheet HTML 2Page - Renesas Technology Corp FN6667 Datasheet HTML 3Page - Renesas Technology Corp FN6667 Datasheet HTML 4Page - Renesas Technology Corp FN6667 Datasheet HTML 5Page - Renesas Technology Corp FN6667 Datasheet HTML 6Page - Renesas Technology Corp FN6667 Datasheet HTML 7Page - Renesas Technology Corp FN6667 Datasheet HTML 8Page - Renesas Technology Corp FN6667 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
FN6667 Rev 6.00
Page 1 of 34
January 9, 2015
FN6667
Rev 6.00
January 9, 2015
ISL12020M
Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature
Compensation and Auto Daylight Saving
DATASHEET
The ISL12020M device is a low power Real Time Clock (RTC)
with an embedded temperature sensor and crystal. Device
functions include oscillator compensation, clock/calendar,
power fail and low battery monitors, brownout indicator,
one-time, periodic or polled alarms, intelligent battery backup
switching, Battery Reseal™ function and 128 bytes of
battery-backed user SRAM. The device is offered in a
20 Ld DFN module that contains the RTC and an embedded
32.768kHz quartz crystal. The calibrated oscillator provides
less than ±5ppm drift across the 0°C to +85°C temperature
range.
The RTC tracks time with separate registers for hours, minutes
and seconds. The calendar registers track date, month, year
and day of the week and are accurate through 2099, with
automatic leap year correction.
Daylight Savings time adjustment is done automatically, using
parameters entered by the user. Power fail and battery
monitors offer user-selectable trip levels. The time stamp
function records the time and date of switchover from VDD to
VBAT power and also from VBAT to VDD power.
Related Literature
• AN1549, “Addressing Power Issues in Real Time Clock
Applications”
• AN1389, “Using Intersil’s High Accuracy Real Time Clock
Module”
Features
• Embedded 32.768kHz quartz crystal in the package
• 20 Ld DFN package (for SOIC version, refer to the
ISL12022M)
•Calendar
• On-chip oscillator temperature compensation
• 10-bit digital temperature sensor output
• 15 selectable frequency outputs
• Interrupt for alarm or 15 selectable frequency outputs
• Automatic backup to battery or supercapacitor
•VDD and battery status monitors
• Battery Reseal™ function to extend battery shelf life
• Power status brownout monitor
• Time stamp for battery switchover
• 128 Bytes battery-backed user SRAM
•I2C-Bus™
• RoHS compliant
Applications
• Utility meters
• POS equipment
• Printers and copiers
• Digital cameras
ISL12020M
3.3V
C1
0.1µF
BAT54
SDA
SCL
GND
VDD
BATTERY
3.0V
C2
0.1µF
SCHOTTKY DIODE
1
2
3
4
5
6
7
8
9
10
X2
X2
X2
X2
X2
NC
VBAT
GND
NC
NC
11
12
13
14
15
16
17
18
19
20
SDA
SCL
VDD
NC
X1
X1
X1
X1
X1
10k
R2
10k
R3
10k
IRQ/FOUT
IRQ/FOUT
MCU
INTERFACE
R1
FIGURE 1. TYPICAL APPLICATION CIRCUIT


Similar Part No. - FN6667

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN660-1 ETC2-FN660-1 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-10 ETC2-FN660-10 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-16 ETC2-FN660-16 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-20 ETC2-FN660-20 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
More results

Similar Description - FN6667

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
July 10, 2009
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
July 9, 2010
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
February 11, 2010
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
December 13, 2011
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M RENESAS-ISL12022M_V01 Datasheet
1Mb / 33P
Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
ISL12022 RENESAS-ISL12022_V01 Datasheet
1Mb / 32P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com