Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 18Page - Renesas Technology Corp FN6667 Datasheet HTML 19Page - Renesas Technology Corp FN6667 Datasheet HTML 20Page - Renesas Technology Corp FN6667 Datasheet HTML 21Page - Renesas Technology Corp FN6667 Datasheet HTML 22Page - Renesas Technology Corp FN6667 Datasheet HTML 23Page - Renesas Technology Corp FN6667 Datasheet HTML 24Page - Renesas Technology Corp FN6667 Datasheet HTML 25Page - Renesas Technology Corp FN6667 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 22 of 34
January 9, 2015
Final Analog Trimming Register (FATR)
This register shows the final setting of AT after temperature
correction. It is read-only; the user cannot overwrite a value to this
register. This value is accessible as a means of monitoring the
temperature compensation function. See Tables 18 and 19 (for
values).
Final Digital Trimming Register (FDTR)
This register shows the final setting of DT after temperature
correction. It is read-only; the user cannot overwrite a value to
this register. The value is accessible as a means of monitoring
the temperature compensation function. The corresponding
clock adjustment values are shown in Table 20. The FDTR setting
has both positive and negative settings to adjust for any offset in
the crystal..
ALARM Registers (10h to 15h)
The alarm register bytes are set up identical to the RTC register
bytes, except that the MSB of each byte functions as an enable
bit (enable = “1”). These enable bits specify which alarm
registers (seconds, minutes, etc.) are used to make the
comparison. Note that there is no alarm byte for year.
The alarm function works as a comparison between the alarm
registers and the RTC registers. As the RTC advances, the alarm
will be triggered once a match occurs between the alarm
registers and the RTC registers. Any one alarm register, multiple
registers, or all registers can be enabled for a match.
There are two alarm operation modes: Single Event and periodic
Interrupt Mode:
• Single Event Mode is enabled by setting the bit 7 on any of the
Alarm registers (ESCA0... EDWA0) to “1”, the IM bit to “0” and
disabling the frequency output. This mode permits a one-time
match between the Alarm registers and the RTC registers.
Once this match occurs, the ALM bit is set to “1” and the
IRQ/FOUT output will be pulled low and will remain low until
the ALM bit is reset. This can be done manually or by using the
auto-reset feature.
• Interrupt Mode is enabled by setting the bit 7 on any of the
Alarm registers (ESCA0... EDWA0) to “1”, the IM bit to “1” and
disabling the frequency output. The IRQ/FOUT output will now
be pulsed each time an alarm occurs. This means that once
the interrupt mode alarm is set, it will continue to alarm for
each occurring match of the alarm and present time. This
mode is convenient for hourly or daily hardware interrupts in
microcontroller applications such as security cameras or utility
meter reading.
To clear a single event alarm, the ALM bit in the status register
must be set to “0” with a write. Note that if the ARST bit is set to
1 (address 08h, bit 7), the ALM bit will automatically be cleared
when the status register is read.
Following are examples of both Single Event and periodic
Interrupt Mode alarms.
Example 1
• Alarm set with single interrupt (IM = “0”)
• A single alarm will occur on January 1 at 11:30 a.m.
• Set Alarm registers as follows:
TABLE 18. FINAL ANALOG TRIMMING REGISTER
ADDR
7
6
5
4
3
2
1
0
0Eh
0
0
FATR5
FATR4 FATR3 FATR2 FATR1 FATR0
TABLE 19. FINAL DIGITAL TRIMMING REGISTER
ADDR
765
4
3
2
1
0
0Fh
0
0
0
FDTR4 FDTR3 FDTR2
FDTR1
FDTR0
TABLE 20. CLOCK ADJUSTMENT VALUES FOR FINAL DIGITAL
TRIMMING REGISTER
FDTR<4:0>
DECIMAL
ppm ADJUSTMENT
00000
0
0
00001
1
30.5
00010
2
61
00011
3
91.5
00100
4
122
00101
5
152.5
00110
6
183
00111
7
213.5
01000
8
244
01001
9
274.5
01010
10
305
10000
0
0
10001
-1
-30.5
10010
-2
-61
10011
-3
-91.5
10100
-4
-122
10101
-5
-152.5
10110
-6
-183
10111
-7
-213.5
11000
-8
-244
11001
-9
-274.5
11010
-10
-305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com