Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 13Page - Renesas Technology Corp FN6667 Datasheet HTML 14Page - Renesas Technology Corp FN6667 Datasheet HTML 15Page - Renesas Technology Corp FN6667 Datasheet HTML 16Page - Renesas Technology Corp FN6667 Datasheet HTML 17Page - Renesas Technology Corp FN6667 Datasheet HTML 18Page - Renesas Technology Corp FN6667 Datasheet HTML 19Page - Renesas Technology Corp FN6667 Datasheet HTML 20Page - Renesas Technology Corp FN6667 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 17 of 34
January 9, 2015
Interrupt Control Register (INT)
AUTOMATIC RESET BIT (ARST)
This bit enables/disables the automatic reset of the ALM, LVDD,
LBAT85 and LBAT75 status bits only. When ARST bit is set to “1”,
these status bits are reset to “0” after a valid read of the
respective status register (with a valid STOP condition). When the
ARST is cleared to “0”, the user must manually reset the ALM,
LVDD, LBAT85 and LBAT75 bits.
WRITE RTC ENABLE BIT (WRTC)
The WRTC bit enables or disables write capability into the RTC
Timing Registers. The factory default setting of this bit is “0”.
Upon initialization or power-up, the WRTC must be set to “1” to
enable the RTC. Upon the completion of a valid write (STOP), the
RTC starts counting. The RTC internal 1Hz signal is synchronized
to the STOP condition during a valid write cycle.
INTERRUPT/ALARM MODE BIT (IM)
This bit enables/disables the interrupt mode of the alarm
function. When the IM bit is set to “1”, the alarm will operate in
the interrupt mode, where an active low pulse width of 250ms
will appear at the IRQ/FOUT pin when the RTC is triggered by the
alarm, as defined by the alarm registers (0Ch to 11h). When the
IM bit is cleared to “0”, the alarm will operate in standard mode,
where the IRQ/FOUT pin will be set low until the ALM status bit is
cleared to “0”.
FREQUENCY OUTPUT AND INTERRUPT BIT (FOBATB)
This bit enables/disables the IRQ/FOUT pin during
battery-backup mode (i.e. VBAT power source active). When the
FOBATB is set to “1”, the IRQ/FOUT pin is disabled during
battery-backup mode. This means that both the frequency output
and alarm output functions are disabled. When the FOBATB is
cleared to “0”, the IRQ/FOUT pin is enabled during battery-
backup mode. Note that the open-drain IRQ/FOUT pin will need a
pull-up to the battery voltage to operate in battery-backup mode.
FREQUENCY OUT CONTROL BITS (FO<3:0>)
These bits enable/disable the frequency output function and
select the output frequency at the IRQ/FOUT pin. See Table 5 for
frequency selection. Default for the ISL12020M is FO<3:0> = 1h,
or 32.768kHz output (FOUT is ON). When the frequency mode is
enabled, it will override the alarm mode at the IRQ/FOUT pin.
POWER SUPPLY CONTROL REGISTER (PWR_VDD)
Clear Time Stamp Bit (CLRTS)
This bit clears Time Stamp VDD to Battery (TSV2B) and Time
Stamp Battery to VDD Registers (TSB2V). The default setting is 0
(CLRTS = 0) and the Enabled setting is 1 (CLRTS = 1).
VDD Brownout Trip Voltage BITS (VDDTrip<2:0>)
These bits set the trip level for the VDD alarm, indicating that VDD
has dropped below a preset level. In this event, the LVDD bit in
the Status Register is set to “1”. See Table 7.
TABLE 3. INTERRUPT CONTROL REGISTER (INT)
ADDR
7
6
5
4
321
0
08h
ARST
WRTC
IM
FOBATB
FO3 FO2 FO1 FO0
TABLE 4.
IM BIT
INTERRUPT/ALARM FREQUENCY
0
Single Time Event Set By Alarm
1
Repetitive/Recurring Time Event Set By Alarm
TABLE 5. FREQUENCY SELECTION OF IRQ/FOUT PIN
FREQUENCY,
FOUT
UNITS
FO3
FO2
FO1
FO0
0
Hz
0
000
32768
Hz
0
001
4096
Hz
0
0
1
0
1024
Hz
0
011
64
Hz
0
100
32
Hz
0
101
16
Hz
0
110
8
Hz
0
111
4
Hz
1
000
2
Hz
1
001
1
Hz
1
010
1/2
Hz
1
011
1/4
Hz
1
100
1/8
Hz
1
101
1/16
Hz
1
110
1/32
Hz
1
1
1
1
TABLE 6.
ADDR
7
6
5
4
3
2
1
0
09h
CLRTS
0
0
0
0
VDDTrip2 VDDTrip1 VDDTrip0
TABLE 7. VDD TRIP LEVELS
VDDTrip2
VDDTrip1
VDDTrip0
TRIP VOLTAGE
(V)
00
0
2.295
00
1
2.550
01
0
2.805
01
1
3.060
10
0
4.250
10
1
4.675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com