Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 19Page - Renesas Technology Corp FN6667 Datasheet HTML 20Page - Renesas Technology Corp FN6667 Datasheet HTML 21Page - Renesas Technology Corp FN6667 Datasheet HTML 22Page - Renesas Technology Corp FN6667 Datasheet HTML 23Page - Renesas Technology Corp FN6667 Datasheet HTML 24Page - Renesas Technology Corp FN6667 Datasheet HTML 25Page - Renesas Technology Corp FN6667 Datasheet HTML 26Page - Renesas Technology Corp FN6667 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 23 of 34
January 9, 2015
After these registers are set, an alarm will be generated when the
RTC advances to exactly 11:30 a.m. on January 1 (after seconds
changes from 59 to 00) by setting the ALM bit in the status register
to “1” and also bringing the IRQ/FOUT output low.
Example 2
• Pulsed interrupt once per minute (IM = “1”)
• Interrupts at one minute intervals when the seconds register is
at 30s.
• Set Alarm registers as follows:
Once the registers are set, the following waveform will be seen at
IRQ/FOUT:
Note that the status register ALM bit will be set each time the
alarm is triggered, but does not need to be read or cleared.
Time Stamp VDD to Battery Registers (TSV2B)
The TSV2B Register bytes are identical to the RTC register bytes,
except they do not extend beyond the Month. The Time Stamp
captures the FIRST VDD to Battery Voltage transition time and will
not update upon subsequent events, until cleared (only the first
event is captured before clearing). Set CLRTS = 1 to clear this
register (Add 09h, PWR_VDD register).
Note that the time stamp registers are cleared to all “0”,
including the month and day, which is different from the RTC and
alarm registers (those registers default to 01h). This is the
indicator that no time stamping has occurred since the last clear
or initial power-up. Once a time stamp occurs, there will be a
non-zero time stamp.
Time Stamp Battery to VDD Registers (TSB2V)
The Time Stamp Battery to VDD Register bytes are identical to
the RTC register bytes, except they do not extend beyond Month.
The Time Stamp captures the LAST transition of VBAT to VDD
(only the last event of a series of power-up/down events is
retained). Set CLRTS = 1 to clear this register (Add 09h,
PWR_VDD register).
DST Control Registers (DSTCR)
8 bytes of control registers have been assigned for the Daylight
Savings Time (DST) functions. DST beginning (set Forward) time
is controlled by the registers DstMoFd, DstDwFd, DstDtFd and
DstHrFd. DST ending time (set Backward or Reverse) is controlled
by DstMoRv, DstDwRv, DstDtRv and DstHrRv.
Tables 23 and 24 describe the structure and functions of the DSTCR.
DST FORWARD REGISTERS (20H TO 23H)
DST forward is controlled by the following DST Registers:
DST Enable
DSTE is the DST Enabling Bit located in Bit 7 of register 20h
(DstMoFdxx). Set DSTE = 1 will enable the DSTE function. Upon
powering up for the first time (including battery), the DSTE bit
defaults to “0”. When DSTE is set to “1” the RTC time must be at
least one hour before the scheduled DST time change for the
correction to take place. When DSTE is set to “0”, the DSTADJ bit
in the Status Register automatically resets to “0”.
DST Month Forward
DstMoFd sets the Month that DST starts. The format is the same
as for the RTC register month, from 1 to 12. The default value for
the DST begin month is 00h.
DST Day/Week Forward
DstDwFd contains both the Day of the Week and the Week of the
Month data for DST Forward control. DST can be controlled either
by actual date or by setting both the Week of the month and the
Day of the Week. DstDwFdE sets the priority of the Day/Week
over the Date. For DstDwFdE = 1, Day/Week is the priority. You
must have the correct Day of Week entered in the RTC registers
for the Day/Week correction to work properly.
TABLE 21.
ALARM
REGISTER
BIT
DESCRIPTION
76543210
HEX
SCA0
00000000
00h Seconds disabled
MNA0
10110000
B0h Minutes set to 30,
enabled
HRA0
10010001
91h Hours set to 11,
enabled
DTA0
10000001
81h Date set to 1,
enabled
MOA0
10000001
81h Month set to 1,
enabled
DWA0
00000000
00h Day of week
disabled
TABLE 22.
ALARM
REGISTER
BIT
DESCRIPTION
76543210 HEX
SCA0
10110000 B0h Seconds set to 30,
enabled
MNA0
00000000 00h Minutes disabled
HRA0
00000000 00h Hours disabled
DTA0
00000000 00h Date disabled
MOA0
00000000 00h Month disabled
DWA0
00000000 00h Day of week disabled
60s
RTC AND ALARM REGISTERS ARE BOTH “30s”
FIGURE 15. IRQ/FOUT WAVEFORM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com