Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 6Page - Renesas Technology Corp FN6667 Datasheet HTML 7Page - Renesas Technology Corp FN6667 Datasheet HTML 8Page - Renesas Technology Corp FN6667 Datasheet HTML 9Page - Renesas Technology Corp FN6667 Datasheet HTML 10Page - Renesas Technology Corp FN6667 Datasheet HTML 11Page - Renesas Technology Corp FN6667 Datasheet HTML 12Page - Renesas Technology Corp FN6667 Datasheet HTML 13Page - Renesas Technology Corp FN6667 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 10 of 34
January 9, 2015
FIGURE 5. IDD1 vs TEMPERATURE
FIGURE 6. IDD1 vs VDD
FIGURE 7. OSCILLATOR ERROR vs TEMPERATURE
FIGURE 8. FOUT vs IDD
FIGURE 9. IDD vs TEMPERATURE, 3 DIFFERENT FOUT
FIGURE 10. IBAT WITH TSE = 1, BTSE = 1 vs TEMPERATURE
Typical Performance Curves Temperature is +25°C unless otherwise specified. (Continued)
2
3
4
5
6
-40
-20
0
20406080
TEMPERATURE (°C)
VDD = 2.7V
VDD = 3.3V
VBAT = 5.5V
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
2.73.2
3.74.2
4.75.2
VDD (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
406080
TEMPERATURE (°C)
VDD = 3.3V
VDD = 2.7V
VDD = 5.5V
2
3
4
5
6
0.01
1
100
10k
1M
FREQUENCY OUTPUT (Hz)
0.1
10
1k
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40
-20
0
204060
80
TEMPERATURE (°C)
FOUT = 32kHz
FOUT = 1Hz AND 64Hz
20
30
40
50
60
70
80
90
100
110
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com