Electronic Components Datasheet Search
  English  ▼

X  

FN6667 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # FN6667
Description  Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6667 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button FN6667 Datasheet HTML 20Page - Renesas Technology Corp FN6667 Datasheet HTML 21Page - Renesas Technology Corp FN6667 Datasheet HTML 22Page - Renesas Technology Corp FN6667 Datasheet HTML 23Page - Renesas Technology Corp FN6667 Datasheet HTML 24Page - Renesas Technology Corp FN6667 Datasheet HTML 25Page - Renesas Technology Corp FN6667 Datasheet HTML 26Page - Renesas Technology Corp FN6667 Datasheet HTML 27Page - Renesas Technology Corp FN6667 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 24 of 34
January 9, 2015
• Bits 0, 1, 2 contain the Day of the week information, which
sets the Day of the Week that DST starts. Note that Day of the
week counts from 0 to 6, like the RTC registers. The default for
the DST Forward Day of the Week is 00h (normally Sunday).
• Bits 3, 4, 5 contain the Week of the Month information that
sets the week that DST starts. The range is from 1 to 5 and
Week 7 is used to indicate the last week of the month. The
default for the DST Forward Week of the Month is 00h.
DST Date Forward
DstDtfd controls which Date DST begins. The format for the Date
is the same as for the RTC register, from 1 to 31. The default
value for DST forward date is 00h. DstDtFd is only effective if
DstDwFdE = 0.
DST Hour Forward
DstHrFd controls the hour that DST begins. The RTC hour and
DstHrFd registers have the same formats except there is no
Military bit for DST hour. The user sets the DST hour with the
same format as used for the RTC hour (AM/PM or MIL) but
without the MIL bit and the DST will still advance as if the MIL bit
were there. The default value for DST hour Forward is 00h.
DST REVERSE REGISTERS (24H TO 27H)
DST end (reverse) is controlled by the following DST Registers:
DST Month Reverse
DstMoRv sets the Month that DST ends. The format is the same
as for the RTC register month, from 1 to 12. The default value for
the DST end month is October (10h).
DST Day/Week Reverse
DstDwRv contains both the Day of the Week and the Week of the
Month data for DST Reverse control. DST can be controlled either
by actual date or by setting both the Week of the month and the
Day of the Week. DstDwRvE sets the priority of the Day/Week
over the Date. For DstDwRvE = 1, Day/Week is the priority. You
must have the correct Day of Week entered in the RTC registers
for the Day/Week correction to work properly.
• Bits 0, 1, 2 contain the Day of the week information, which
sets the Day of the Week that DST ends. Note that Day of the
week counts from 0 to 6, like the RTC registers. The default for
the DST Reverse Day of the Week is 00h (normally Sunday).
• Bits 3, 4, 5 contain the Week of the Month information that sets
the week that DST ends. The range is from 1 to 5 and Week 7 is
used to indicate the last week of the month. The default for the
DST Reverse Week of the Month is 00h.
DST Date Reverse
DstDtRv controls which Date DST ends. The format for the Date is
the same as for the RTC register, from 1 to 31. The default value
for DST Date Reverse is 00h. The DstDtRv is only effective if the
DwRvE = 0.
DST Hour Reverse
DstHrRv controls the hour that DST ends. The RTC hour and
DstHrFd registers have the same formats except there is no
Military bit for DST hour. The user sets the DST hour with the
same format as used for the RTC hour (AM/PM or MIL) but
without the MIL bit and the DST will still advance as if the MIL bit
were there. The default value for DST hour Reverse is 00h.
TEMP Registers (TEMP)
The temperature sensor produces an analog voltage output,
which is input to an A/D converter and produces a 10-bit
temperature value in degrees Kelvin. TK07:00 are the LSBs of the
code and TK09:08 are the MSBs of the code. The temperature
result is actually the average of two successive temperature
measurements to produce greater resolution for the temperature
control. The output code can be converted to degrees Centigrade
by first converting from binary to decimal, dividing by 2 and then
subtracting 273d.
TABLE 23. DST FORWARD REGISTERS
ADDRESS
FUNCTION
7
6
54321
0
20h
Month Forward
DSTE
0
0
MoFd20
MoFd13
MoFd12
MoFd11
MoFd10
21h
Day Forward
0
DwFdE
WkFd12
WkFd11
WkFd10
DwFd12
DwFd11
DwFd10
22h
Date Forward
0
0
DtFd21
DtFd20
DtFd13
DtFd12
DtFd11
DtFd10
23h
Hour Forward
0
HrFd21
HrFd20
HrFd13
HrFd12
HrFd11
HrFd10
TABLE 24. DST REVERSE REGISTERS
ADDRESS
NAME
7
65
432
10
24h
Month Reverse
0
0
0
MoRv20
MoRv13
MoRv12
MoRv11
MoRv10
25h
Day Reverse
0
DwRvE
WkRv12
WkRv11
WkRv10
DwRv12
DwRv11
DwRv10
26h
Date Reverse
0
0
DtRv21
DtRv20
DtRv13
DtRv12
DtRv11
DtRv10
27h
Hour Reverse
0
HrRv21
HrRv20
HrRv13
HrRv12
HrRv11
HrRv10
Temperature in °C
[(TK <9:0>)/2] - 273
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com