Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button FN6659 Datasheet HTML 24Page - Renesas Technology Corp FN6659 Datasheet HTML 25Page - Renesas Technology Corp FN6659 Datasheet HTML 26Page - Renesas Technology Corp FN6659 Datasheet HTML 27Page - Renesas Technology Corp FN6659 Datasheet HTML 28Page - Renesas Technology Corp FN6659 Datasheet HTML 29Page - Renesas Technology Corp FN6659 Datasheet HTML 30Page - Renesas Technology Corp FN6659 Datasheet HTML 31Page - Renesas Technology Corp FN6659 Datasheet HTML 32Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 29 of 32
Oct 24, 2019
Temperature Compensation Operation
The ISL12022 temperature compensation feature needs to be
enabled by the user. This must be done in a specific order as
follows.
1. Read register 0Dh, the BETA register. This register contains the
5-bit BETA trimmed value which is automatically loaded on initial
power-up. Mask off the 5LSB’s of the value just read.
2. Bit 7 of the BETA register is the master enable control for
temperature sense operation. Set this to “1” to allow
continuous temperature frequency correction. Frequency
correction will then happen every 60s with VDD applied.
3. Bits 5 and 6 of the BETA register control temperature
compensation in battery-backup mode (see Table 15). Set the
values for the operation desired.
4. Write back to register 0Dh making sure not to change the 5
LSB values, and include the desired compensation control bits.
Note that every time the BETA register is written with the TSE
bit = 1, a temperature compensation cycle is instigated and a
new correction value will be loaded into the FATR/FDTR registers
(if the temperature changed since the last conversion).
Also note that registers 0Bh and 0Ch, the ITR0 and ALPHA
registers, should not be changed. If they must be written be sure
to write the same values that are recalled from initial power-up.
The ITR0 register may be written if the user wishes to re-calibrate
the oscillator frequency at room temperature for aging or board
mounting. The original recalled value can be re-written if desired
after testing.
For further information on the operation of the ISL12022 and
temperature compensated RTC’s, see Intersil Application Note
AN1389, “Using Intersil’s High Accuracy Real Time Clock
Module”.
Daylight Savings Time (DST) Example
DST involves setting the forward and back times and allowing the
RTC device to automatically advance the time or set the time back.
This can be done for current year, and future years. Many regions
have DST rules that use standard months, weeks and time of the
day which permit a pre-programmed, permanent setting.
Table 27 shows the example setup for the ISL12022.
The Enable bit (DSTE) is in the Month forward register, so the BCD
value for that register is altered with the additional bit. The Week
and Day values along with Week/Day vs Date select bit is in the
Week/Day register, so that value is also not straight BCD. Hour
and Month are normal BCD, but the Hour doesn’t use the MIL bit
since Military time PM values are already discretely different
from AM/PM time PM values. The DST reverse setting utilizes the
option to select the last week of the month for October, which
could have 4 or 5 weeks but needs to have the time change on
the last Sunday.
Note that the DSTADJ bit in the status register monitors whether
the DST forward adjustment has happened. When it is “1”, DST
forward has taken place. When it is “0”, then either DST reverse
has happened, or it has been reset either by initial power-up or if
the DSTE bit has been set to “0”.
TABLE 27. DST EXAMPLE
VARIABLE
VALUE
REGISTER VALUE
Month Forward and DST Enable
April
15h
84h
Week and Day Forward and select
Day/Week, not Date
1st Week and
Sunday
16h
48h
Date Forward
not used
17h
00h
Hour Forward
2am
18h
02h
Month Reverse
October
19h
10h
Week and Day Reverse and select
Day/Week, not Date
Last Week and
Sunday
1Ah
78h
Date Reverse
not used
1Bh
00h
Hour Reverse
2am
1Ch
02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com