Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button FN6659 Datasheet HTML 16Page - Renesas Technology Corp FN6659 Datasheet HTML 17Page - Renesas Technology Corp FN6659 Datasheet HTML 18Page - Renesas Technology Corp FN6659 Datasheet HTML 19Page - Renesas Technology Corp FN6659 Datasheet HTML 20Page - Renesas Technology Corp FN6659 Datasheet HTML 21Page - Renesas Technology Corp FN6659 Datasheet HTML 22Page - Renesas Technology Corp FN6659 Datasheet HTML 23Page - Renesas Technology Corp FN6659 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 20 of 32
Oct 24, 2019
If the application has a stable temperature environment that
doesn’t change quickly, the 10 minute option will work well and
the backup battery lifetime impact is minimized. If quick
temperature variations are expected (multiple cycles of more
than 10° within an hour), then the 1 minute option should be
considered and the slightly higher battery current figured into
overall battery life.
GAIN FACTOR OF AT BIT (BETA<4:0>)
Beta is specified to take care of the Cm variations of the crystal.
Most crystals specify Cm around 2.2fF. For example, if Cm > 2.2fF,
the actual AT steps may reduce from 1ppm/step to
approximately 0.80ppm/step. Beta is then used to adjust for this
variation and restore the step size to 1ppm/step.
BETA values are limited in the range from 01000 to 11111 as
shown in Table 16
. To use Table 16, the device is tested at two
AT settings as shown in Equation 3:
where:
AT(max) = FOUT in ppm (at AT = 00H) and
AT(min) = FOUT in ppm (at AT = 3FH).
The BETA VALUES result is indexed in the right hand column and
the resulting Beta factor (for the register) is in the same row in
the left column.
The value for BETA should only be changed while the TSE
(Temperature Sense Enable) bit is “0”. The procedure for writing
the BETA register involves two steps. First, write the new value of
BETA with TSE = 0. Then write the same value of BETA with
TSE = 1. This will insure the next temperature sense cycle will use
the new BETA value.
Final Analog Trimming Register (FATR)
This register shows the final setting of AT after temperature
correction. It is read-only; the user cannot overwrite a value to this
register. This value is accessible as a means of monitoring the
temperature compensation function. See Table 17.
Final Digital Trimming Register (FDTR)
This Register shows the final setting of DT after temperature
correction. It is read-only; the user cannot overwrite a value to
this register. The value is accessible as a means of monitoring
the temperature compensation function. The corresponding
clock adjustment values are shown in Table 19. The DT setting
has both positive and negative settings to adjust for any offset in
the crystal.
.
TABLE 16. BETA VALUES
BETA<4:0>
AT STEP ADJUSTMENT
01000
0.5000
00111
0.5625
00110
0.6250
00101
0.6875
00100
0.7500
00011
0.8125
00010
0.8750
00001
0.9375
00000
1.0000
10000
1.0625
10001
1.1250
10010
1.1875
10011
1.2500
10100
1.3125
10101
1.3750
10110
1.4375
BETAVALUES
AT max
 AT min

–
/63
=
(EQ. 3)
10111
1.5000
11000
1.5625
11001
1.6250
11010
1.6875
11011
1.7500
11100
1.8125
11101
1.8750
11110
1.9375
11111
2.0000
TABLE 17. FINAL ANALOG TRIMMING REGISTER
ADDR
7
6
54
32
1
0
0Eh
0
0
FATR5 FATR4 FATR3 FATR2 FATR1 FATR0
TABLE 18. FINAL DIGITAL TRIMMING REGISTER
ADDR
765
4
3
2
1
0
0Fh
0
0
0
FDTR4 FDTR3 FDTR2 FDTR1 FDTR0
TABLE 19. CLOCK ADJUSTMENT VALUES FOR FINAL DIGITAL
TRIMMING REGISTER
FDTR<4:0>
DECIMAL
ppm ADJUSTMENT
00000
0
0
00001
1
30.5
00010
2
61
00011
3
91.5
00100
4
122
00101
5
152.5
00110
6
183
00111
7
213.5
01000
8
244
01001
9
274.5
TABLE 16. BETA VALUES (Continued)
BETA<4:0>
AT STEP ADJUSTMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com