Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button FN6659 Datasheet HTML 5Page - Renesas Technology Corp FN6659 Datasheet HTML 6Page - Renesas Technology Corp FN6659 Datasheet HTML 7Page - Renesas Technology Corp FN6659 Datasheet HTML 8Page - Renesas Technology Corp FN6659 Datasheet HTML 9Page - Renesas Technology Corp FN6659 Datasheet HTML 10Page - Renesas Technology Corp FN6659 Datasheet HTML 11Page - Renesas Technology Corp FN6659 Datasheet HTML 12Page - Renesas Technology Corp FN6659 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 9 of 32
Oct 24, 2019
Typical Performance Curves Temperature is +25°C unless otherwise specified.
FIGURE 3. IBAT vs VBAT
FIGURE 4. IBAT vs TEMPERATURE
FIGURE 5. IDD1 vs TEMPERATURE
FIGURE 6. IDD1 vs VDD
FIGURE 7. FOUT vs IDD
FIGURE 8. IDD vs TEMPERATURE, 3 DIFFERENT FOUT
800
850
900
950
1000
1050
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT VOLTAGE (V)
600
800
1000
1200
1400
1600
-40
-20
0
2040
6080
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V
2
3
4
5
6
-40
-20
0
204060
80
TEMPERATURE (°C)
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
2.73.2
3.74.2
4.75.2
VDD (V)
2
3
4
5
6
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY OUTPUT (Hz)
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40
-20
0
20
406080
TEMPERATURE (°C)
FOUT = 32kHz
FOUT = 1Hz and 64Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com