Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FN6659 Datasheet HTML 1Page - Renesas Technology Corp FN6659 Datasheet HTML 2Page - Renesas Technology Corp FN6659 Datasheet HTML 3Page - Renesas Technology Corp FN6659 Datasheet HTML 4Page - Renesas Technology Corp FN6659 Datasheet HTML 5Page - Renesas Technology Corp FN6659 Datasheet HTML 6Page - Renesas Technology Corp FN6659 Datasheet HTML 7Page - Renesas Technology Corp FN6659 Datasheet HTML 8Page - Renesas Technology Corp FN6659 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 3 of 32
Oct 24, 2019
Block Diagram
I2C
INTERFACE
CONTROL
LOGIC
ALARM
FREQUENCY
OUT
RTC
DIVIDER
SDA
BUFFER
CRYSTAL
OSCILLATOR
POR
SWITCH
SCL
BUFFER
SDA
SCL
X1
X2
VDD
VBAT
IRQ/FOUT
INTERNAL
SUPPLY
VTRIP
SECONDS
MINUTES
HOURS
DAY OF WEEK
DATE
MONTH
YEAR
USER
SRAM
CONTROL
REGISTERS
GND
REGISTERS
TEMPERATURE
SENSOR
FREQUENCY
CONTROL
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
TAPE AND REEL
(Units) (Note 1)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL12022IBZ
12022 IBZ
2.7 to 5.5
-40 to +85
-
8 Ld SOIC
M8.15
ISL12022IBZ-T
12022 IBZ
2.7 to 5.5
-40 to +85
2.5k
8 Ld SOIC
M8.15
ISL12022IBZ-T7A
12022 IBZ
2.7 to 5.5
-40 to +85
250
8 Ld SOIC
M8.15
NOTES:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J-STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL12022 device page. For more information about MSL, see TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com