Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button FN6659 Datasheet HTML 21Page - Renesas Technology Corp FN6659 Datasheet HTML 22Page - Renesas Technology Corp FN6659 Datasheet HTML 23Page - Renesas Technology Corp FN6659 Datasheet HTML 24Page - Renesas Technology Corp FN6659 Datasheet HTML 25Page - Renesas Technology Corp FN6659 Datasheet HTML 26Page - Renesas Technology Corp FN6659 Datasheet HTML 27Page - Renesas Technology Corp FN6659 Datasheet HTML 28Page - Renesas Technology Corp FN6659 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 25 of 32
Oct 24, 2019
User Registers (Accessed by
Using Slave Address 1010111x)
Addresses [00h to 7Fh]
These registers are 128 bytes of battery-backed user SRAM.
I2C Serial Interface
The ISL12022 supports a bi-directional bus oriented protocol. The
protocol defines any device that sends data onto the bus as a
transmitter and the receiving device as the receiver. The device
controlling the transfer is the master and the device being controlled
is the slave. The master always initiates data transfers and provides
the clock for both transmit and receive operations. Therefore, the
ISL12022 operates as a slave device in all applications.
All communication over the I2C interface is conducted by sending
the MSB of each byte of data first.
Protocol Conventions
Data states on the SDA line can change only during SCL LOW
periods. SDA state changes during SCL HIGH are reserved for
indicating START and STOP conditions (see Figure 15). On power-
up of the ISL12022, the SDA pin is in the input mode.
All I2C interface operations must begin with a START condition,
which is a HIGH to LOW transition of SDA while SCL is HIGH. The
ISL12022 continuously monitors the SDA and SCL lines for the
START condition and does not respond to any command until this
condition is met (see Figure 15). A START condition is ignored
during the power-up sequence.
All I2C interface operations must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA while SCL is
HIGH (see Figure 15). A STOP condition at the end of a read
operation or at the end of a write operation to memory only
places the device in its standby mode.
An acknowledge (ACK) is a software convention used to indicate a
successful data transfer. The transmitting device, either master or
slave, releases the SDA bus after transmitting eight bits. During
the ninth clock cycle, the receiver pulls the SDA line LOW to
acknowledge the reception of the 8 bits of data (see Figure 16).
FIGURE 15. VALID DATA CHANGES, START AND STOP CONDITIONS
FIGURE 16. ACKNOWLEDGE RESPONSE FROM RECEIVER
FIGURE 17. BYTE WRITE SEQUENCE (SLAVE ADDRESS FOR CSR SHOWN)
SDA
SCL
START
DATA
DATA
STOP
STABLE
CHANGE
DATA
STABLE
SDA OUTPUT FROM
TRANSMITTER
SDA OUTPUT FROM
RECEIVER
8
1
9
START
ACK
SCL FROM
MASTER
HIGH IMPEDANCE
HIGH IMPEDANCE
S
T
A
R
T
S
T
O
P
IDENTIFICATION
BYTE
DATA
BYTE
A
C
K
SIGNALS FROM
THE MASTER
SIGNALS FROM
THE ISL12022
A
C
K
10
0
11
A
C
K
WRITE
SIGNAL AT SDA
00 00
11 1
ADDRESS
BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com