Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN6659 Datasheet HTML 1Page - Renesas Technology Corp FN6659 Datasheet HTML 2Page - Renesas Technology Corp FN6659 Datasheet HTML 3Page - Renesas Technology Corp FN6659 Datasheet HTML 4Page - Renesas Technology Corp FN6659 Datasheet HTML 5Page - Renesas Technology Corp FN6659 Datasheet HTML 6Page - Renesas Technology Corp FN6659 Datasheet HTML 7Page - Renesas Technology Corp FN6659 Datasheet HTML 8Page - Renesas Technology Corp FN6659 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FN6659 Rev.3.01
Page 1 of 32
Oct 24, 2019
FN6659
Rev.3.01
Oct 24, 2019
ISL12022
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation
±5ppm with Auto Daylight Saving
The ISL12022 device is a low power real time clock with an
embedded Temp sensor for oscillator compensation,
clock/calendar, power fail, low battery monitor, brownout
indicator, single periodic or polled alarms, intelligent
battery-backup switching, Battery Reseal™ function, and
128 bytes of battery-backed user SRAM.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year, and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Daylight Savings time adjustment is done automatically, using
parameters entered by the user. Power fail and battery
monitors offer user-selectable trip levels. A time stamp
function records the time and date of switchover from VDD to
VBAT power, and also from VBAT to VDD power.
Applications
• Utility Meters
• POS Equipment
•Medical Devices
•Security Systems
• Vending Machines
• White Goods
• Printers and Copiers
Related Literature
For a full list of related documents, visit our website
• ISL12022 device page
Features
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes and Seconds
- Day of the Week, Day, Month, and Year
• On-chip Oscillator Compensation Over the Operating
Temperature Range
- ±5ppm Over -40°C to +85°C
• 10-bit Digital Temperature Sensor Output
- ±2°C Accuracy
• Customer Programmable Day Light Saving Time
• 15 Selectable Frequency Outputs
•1 Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
- Single Event or Pulse Interrupt Mode
• Battery Reseal™ Function to Extend Battery Shelf Life
• Automatic Backup to Battery or Super Capacitor
-Operation to VBAT = 1.8V
- 1.0µA Battery Supply Current
• Battery Status Monitor
- 2 User Programmable Levels
- Seven Selectable Voltages for Each Level
• Power Status Brownout Monitor
- Six Selectable Trip Levels, from 2.295V to 4.675V
• Oscillator Failure Detection
•Time Stamp for First VDD to VBAT, and Last VBAT to VDD
• 128 Bytes Battery-Backed User SRAM
•I2C Bus™
- 400kHz Clock Frequency
• 1µA Typical Battery Current
• Pb-Free (RoHS Compliant)
FIGURE 1. TYPICAL APPLICATION CIRCUIT
DBAT
CBAT
CIN
BAT43W
0.1µF
0.1µF
VDD = 2.7V
TO 5.5V
VBAT = 1.8V
TO 3.2V
JBAT
ISL12022
VDD
GND
VBAT
+


Similar Part No. - FN6659

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN660-1 ETC2-FN660-1 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-10 ETC2-FN660-10 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-16 ETC2-FN660-16 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-20 ETC2-FN660-20 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
More results

Similar Description - FN6659

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
February 11, 2010
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022M RENESAS-ISL12022M_V01 Datasheet
1Mb / 33P
Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
ISL12022 RENESAS-ISL12022_V01 Datasheet
1Mb / 32P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com