Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button FN6659 Datasheet HTML 10Page - Renesas Technology Corp FN6659 Datasheet HTML 11Page - Renesas Technology Corp FN6659 Datasheet HTML 12Page - Renesas Technology Corp FN6659 Datasheet HTML 13Page - Renesas Technology Corp FN6659 Datasheet HTML 14Page - Renesas Technology Corp FN6659 Datasheet HTML 15Page - Renesas Technology Corp FN6659 Datasheet HTML 16Page - Renesas Technology Corp FN6659 Datasheet HTML 17Page - Renesas Technology Corp FN6659 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 14 of 32
Oct 24, 2019
16h
TSV2B
VSC
0
VSC22
VSC21
VSC20
VSC13
VSC12
VSC11
VSC10
0 to 59
00h
17h
VMN
0
VMN22
VMN21
VMN20
VMN13
VMN12
VMN11
VMN10
0 to 59
00h
18h
VHR
VMIL
0
VHR21
VHR20
VHR13
VHR12
VHR11
VHR10
0 to 23
00h
19h
VDT
0
0
VDT21
VDT20
VDT13
VDT12
VDT11
VDT10
1 to 31
00h
1Ah
VMO
0
0
0
VMO20
VMO13
VMO12
VMO11
VMO10
1 to 12
00h
1Bh
TSB2V
BSC
0
BSC22
BSC21
BSC20
BSC13
BSC12
BSC11
BSC10
0 to 59
00h
1Ch
BMN
0
BMN22
BMN21
BMN20
BMN13
BMN12
BMN11
BMN10
0 to 59
00h
1Dh
BHR
BMIL
0
BHR21
BHR20
BHR13
BHR12
BHR11
BHR10
0 to 23
00h
1Eh
BDT
0
0
BDT21
BDT20
BDT13
BDT12
BDT11
BDT10
1 to 31
00h
1Fh
BMO
0
0
0
BMO20
BMO13
BMO12
BMO11
BMO10
1 to 12
00h
20h
DSTCR
DstMoFd
DSTE
D
D
DstMoFd20 DstMoFd13 DstMoFd12 DstMoFd11 DstMoFd10 1 to 12
00h
21h
DstDwFd
D
DstDwFdE DstWkFd12 DstWkFd11 DstWkFd10 DstDwFd12 DstDwFd11 DstDwFd10
0 to 6
00h
22h
DstDtFd
D
D
DstDtFd21
DstDtFd20
DstDtFd13 DstDtFd12 DstDtFd11 DstDtFd10 1 to 31
00h
23h
DstHrFd
D
D
DstHrFd21
DstHrFd20
DstHrFd13 DstHrFd12 DstHrFd11 DstHrFd10 0 to 23
00h
24h
DstMoRv
D
D
D
XDstMoRv20 DstMoRv13 DstMoR12v DstMoRv11 DstMoRv10 01 to 12
00h
25h
DstDwRv
D
DstDwRvE DstWkrv12 DstWkRv11 DstWkRv10 DstDwRv12 DstDwRv11 DstDwRv10 0 to 6
00h
26h
DstDtRv
D
D
DstDtRv21
DstDtRv20
DstDtRv13 DstDtRv12 DstDtRv11 DstDtRv10 01 to 31
00h
27h
DstHrRv
D
D
DstHrRv21
DstHrRv20
DstHrRv13 DstHrRv12 DstHrRv11 DstHrRv10 0 to 23
00h
28h
TEMP
TK0L
TK07
TK06
TK05
TK04
TK03
TK02
TK01
TK00
00 to FF
00h
29h
TK0M
0
0
0
0
0
0
TK09
TK08
00 to 03
00h
2Ah
NPPM
NPPML
NPPM7
NPPM6
NPPM5
NPPM4
NPPM3
NPPM2
NPPM1
NPPM0
00 to FF
00h
2Bh
NPPMH
0
0
0
0
0
NPPM10
NPPM9
NPPM8
00 to 07
00h
2Ch
XT0
XT0
D
D
D
XT4
XT3
XT2
XT1
XT0
00 to FF
00h
2Dh
ALPHAH
ALPHAH
D
ALP_H6
ALP_H5
ALP_H4
ALP_H3
ALP_H2
ALP_H1
ALP_H0
00 to 7F
46h
2Eh
GPM
GPM1
GPM17
GPM16
GPM15
GPM14
GPM13
GPM12
GPM11
GPM10
00 to FF
00h
2Fh
GPM2
GPM27
GPM26
GPM25
GPM24
GPM23
GPM22
GPM21
GPM20
00 to FF
00h
TABLE 1. REGISTER MEMORY MAP (Continued)
ADDR. SECTION
REG
NAME
BIT
RANGE DEFAULT
7
6
543
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com