Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button FN6659 Datasheet HTML 14Page - Renesas Technology Corp FN6659 Datasheet HTML 15Page - Renesas Technology Corp FN6659 Datasheet HTML 16Page - Renesas Technology Corp FN6659 Datasheet HTML 17Page - Renesas Technology Corp FN6659 Datasheet HTML 18Page - Renesas Technology Corp FN6659 Datasheet HTML 19Page - Renesas Technology Corp FN6659 Datasheet HTML 20Page - Renesas Technology Corp FN6659 Datasheet HTML 21Page - Renesas Technology Corp FN6659 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 18 of 32
Oct 24, 2019
trimming uses load capacitance adjustment to pull the oscillator
frequency. A range of +62.5ppm to -61.5ppm is possible with
combined digital and analog trimming.
AGING AND INITIAL TRIM DIGITAL TRIMMING BITS
(IDTR0<1:0>)
These bits allow ±30.5ppm initial trimming range for the crystal
frequency. This is meant to be a coarse adjustment if the range
needed is outside that of the IATR control. See Table 10. The
IDTR0 register should only be changed while the TSE (Temp
Sense Enable) bit is “0”.
AGING AND INITIAL ANALOG TRIMMING BITS
(IATR0 <5:0>)
The analog trimming register allows +32ppm to -31ppm
adjustment in 1ppm/bit increments. This enables fine frequency
adjustment for trimming initial crystal accuracy error or to correct
for aging drift. The IATR0 register should only be changed while the
TSE (Temp Sense Enable) bit is “0”.
Aging adjustment is normally a few ppm and can be handled by
writing to the IATR section.
TABLE 10. IDTR0 TRIMMING RANGE
IDTR01
IDTR00
TRIMMING RANGE
00
Default/Disabled
0
1
+30.5ppm
1
0
0ppm
1
1
-30.5ppm
TABLE 11. INITIAL AT AND DT SETTING REGISTER
ADDR
7
6
5
4
321
0
0Bh
IDTR01 IDTR00 IATR05 IATR04 IATR03 IATR02 IATR01 IATR00
TABLE 12. IATR0 TRIMMING RANGE
IATR05 IATR04 IATR03 IATR02 IATR01 IATR00
TRIMMING
RANGE
00
0000
+32
00
0001
+31
00
0010
+30
00
0011
+29
00
0100
+28
00
0101
+27
00
0110
+26
00
0111
+25
00
1000
+24
00
1001
+23
00
1010
+22
00
1011
+21
00
1100
+20
00
1101
+19
001110
+18
001111
+17
010000
+16
010001
+15
010010
+14
010011
+13
010100
+12
010101
+11
010110
+10
010111
+9
011000
+8
011001
+7
011010
+6
011011
+5
011100
+4
011101
+3
011110
+2
011111
+1
100000
0
100001
-1
100010
-2
100011
-3
100100
-4
100101
-5
100110
-6
100111
-7
101000
-8
101001
-9
101010
-10
101011
-11
101100
-12
101101
-13
101110
-14
101111
-15
110000
-16
110001
-17
110010
-18
110011
-19
110100
-20
TABLE 12. IATR0 TRIMMING RANGE (Continued)
IATR05 IATR04 IATR03 IATR02 IATR01 IATR00
TRIMMING
RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com