Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FN6659 Datasheet HTML 1Page - Renesas Technology Corp FN6659 Datasheet HTML 2Page - Renesas Technology Corp FN6659 Datasheet HTML 3Page - Renesas Technology Corp FN6659 Datasheet HTML 4Page - Renesas Technology Corp FN6659 Datasheet HTML 5Page - Renesas Technology Corp FN6659 Datasheet HTML 6Page - Renesas Technology Corp FN6659 Datasheet HTML 7Page - Renesas Technology Corp FN6659 Datasheet HTML 8Page - Renesas Technology Corp FN6659 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 5 of 32
Oct 24, 2019
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT and IRQ/FOUT pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on SCL and SDA pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on X1 and X2 pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3014) . . . . . . . . . . >3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Ld SOIC (Notes 4, 5) . . . . . . . . . . . . . . . . .
102
46
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See TB379 for details.
5. For
JC, the “case temp” location is taken at the package top center.
DC Operating Characteristics - RTC Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 13)
TYP
(Note 9)
MAX
(Note 13)UNIT
NOTES
VDD
Main Power Supply
(Note 15)
2.7
5.5
V
VBAT
Battery Supply Voltage
(Note 15)
1.8
5.5
V
6
IDD1
Supply Current. (I2C not Active, Temperature
Conversion not Active, FOUT not Active)
VDD = 5V
4.1
15
µA
7, 8
VDD = 3V
3.5
14
µA
7, 8
IDD2
Supply Current. (I2C Active, Temperature
Conversion not Active, FOUT not Active)
VDD = 5V
200
500
µA
7, 8
IDD3
Supply Current. (I2C not Active, Temperature
Conversion Active, FOUT not Active)
VDD = 5V
120
400
µA
7, 8
IBAT
Battery Supply Current
VDD = 0V, VBAT = 3V, TA = +25°C
1.0
1.6
µA
7
VDD = 0V, VBAT = 3V
1.0
5.0
µA
7
IBATLKG Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
VIL = 0V, VIH = 5.5V
-1.0
±0.1
1.0
µA
ILO
I/O Leakage Current on SDA
VIL = 0V, VIH = 5.5V
-1.0
±0.1
1.0
µA
VBATM
Battery Level Monitor Threshold
-100
+100
mV
VPBM
Brownout Level Monitor Threshold
-100
+100
mV
VTRIP
VBAT Mode Threshold
(Note 15)
2.0
2.2
2.4
V
VTRIPHYS VTRIP Hysteresis
30
mV
11
VBATHYS VBAT Hysteresis
50
mV
11
FoutT
Oscillator Stability vs Temperature
VDD  3.3V
-5
+5
ppm
14
FoutV
Oscillator Stability vs Voltage
2.7V
 VDD  5.5V
-3
+3
ppm
14
ATLSB AT Sensitivity per LSB
BETA (4:0) = 10000
0.5
1
2
ppm
14
Temp
Temperature Sensor Accuracy
VDD = VBAT = 3.3V
±2
°C
11
IRQ/FOUT (OPEN DRAIN OUTPUT)
VOL
Output Low Voltage
VDD = 5.5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com