Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button FN6659 Datasheet HTML 8Page - Renesas Technology Corp FN6659 Datasheet HTML 9Page - Renesas Technology Corp FN6659 Datasheet HTML 10Page - Renesas Technology Corp FN6659 Datasheet HTML 11Page - Renesas Technology Corp FN6659 Datasheet HTML 12Page - Renesas Technology Corp FN6659 Datasheet HTML 13Page - Renesas Technology Corp FN6659 Datasheet HTML 14Page - Renesas Technology Corp FN6659 Datasheet HTML 15Page - Renesas Technology Corp FN6659 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 12 of 32
Oct 24, 2019
Brownout Detection
The ISL12022 monitors the VDD level continuously and provides
warning if the VDD level drops below prescribed levels. There are
six (6) levels that can be selected for the trip level. These values
are 85% below popular VDD levels. The LVDD bit in the Status
Register will be set to “1” when brownout is detected. Note that
the I2C serial bus remains active unless the Battery VTRIP levels
are reached.
Battery Level Monitor
The ISL12022 has a built in warning feature once the Back-up
battery level drops first to 85% and then to 75% of the battery’s
nominal VBAT level. When the battery voltage drops to between
85% and 75%, the LBAT85 bit is set in the status register. When
the level drops below 75%, both LBAT85 and LBAT75 bits are set
in the status register.
The battery level monitor is not functional in battery backup
mode. In order to read the monitor bits after powering up VDD,
instigate a battery level measurement by setting the TSE bit to
"1" (BETA register), and then read the bits.
There is a Battery Time Stamp Function available. Once the VDD
is low enough to enable switchover to the battery, the RTC
time/date are written into the TSV2B register. This information
can be read from the TSV2B registers to discover the point in
time of the VDD power-down. If there are multiple power-down
cycles before reading these registers, the first values stored in
these registers will be retained. These registers will hold the
original power-down value until they are cleared by setting CLRTS
= 1 to clear the registers.
The normal power switching of the ISL12022 is designed to
switch into battery-backup mode only if the VDD power is lost.
This will ensure that the device can accept a wide range of
backup voltages from many types of sources while reliably
switching into backup mode.
Note that the ISL12022 is not guaranteed to operate with
VBAT < 1.8V. If the battery voltage is expected to drop lower than
this minimum, correct operation of the device, especially after a
VDD power-down cycle, is not guaranteed.
The minimum VBAT to insure SRAM is stable is 1.0V. Below that,
the SRAM may be corrupted when VDD power resumes.
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz quartz
crystal to maintain an accurate internal representation of
second, minute, hour, day of week, date, month, and year. The
RTC also has leap-year correction. The clock also corrects for
months having fewer than 31 days and has a bit that controls
24-hour or AM/PM format. When the ISL12022 powers up after
the loss of both VDD and VBAT, the clock will not begin
incrementing until at least one byte is written to the clock
register.
Single Event and Interrupt
The alarm mode is enabled via the MSB bit. Choosing single
event or interrupt alarm mode is selected via the IM bit. Note that
when the frequency output function is enabled, the alarm
function is disabled.
The standard alarm allows for alarms of time, date, day of the
week, month, and year. When a time alarm occurs in single
event mode, the IRQ/FOUT pin will be pulled low and the alarm
status bit (ALM) will be set to “1”.
The pulsed interrupt mode allows for repetitive or recurring alarm
functionality. Hence, once the alarm is set, the device will
continue to alarm for each occurring match of the alarm and
present time. Thus, it will alarm as often as every minute (if only
the nth second is set) or as infrequently as once a year (if at least
the nth month is set). During pulsed interrupt mode, the
IRQ/FOUT pin will be pulled low for 250ms and the alarm status
bit (ALM) will be set to “1”.
The ALM bit can be reset by the user or cleared automatically
using the auto reset mode (see ARST bit). The alarm function can
be enabled/disabled during battery-backup mode using the
FOBATB bit. For more information on the alarm, please see
“ALARM Registers (10h to 15h)” on page 21.
Frequency Output Mode
The ISL12022 has the option to provide a clock output signal
using the IRQ/FOUT open drain output pin. The frequency output
mode is set by using the FO bits to select 15 possible output
frequency values from 1/32Hz to 32kHz. The frequency output
can be enabled/disabled during battery-backup mode using the
FOBATB bit.
General Purpose User SRAM
The ISL12022 provides 128 bytes of user SRAM. The SRAM will
continue to operate in battery-backup mode. However, it should
be noted that the I2C bus is disabled in battery-backup mode.
I2C Serial Interface
The ISL12022 has an I2C serial bus interface that provides
access to the control and status registers and the user SRAM.
The I2C serial interface is compatible with other industry I2C
serial bus protocols using a bi-directional data signal (SDA) and a
clock signal (SCL).
Oscillator Compensation
The ISL12022 provides both initial timing correction and
temperature correction due to variation of the crystal oscillator.
Analog and digital trimming control is provided for initial
adjustment, and a temperature compensation function is
provided to automatically correct for temperature drift of the
crystal. Initial values are preset and recalled on initial power-up
for the Initial AT and DT settings (IATR, IDTR), temperature
coefficient (ALPHA), crystal capacitance (BETA), and the crystal
turn-over temperature (XTO). These initial values are typical of
units available on the market, although the user may program
specific values after testing for best accuracy. The function can
be enabled/disabled at any time and can be used in battery
mode as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com