Electronic Components Datasheet Search
  English  ▼

X  

FN6659 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button FN6659 Datasheet HTML 12Page - Renesas Technology Corp FN6659 Datasheet HTML 13Page - Renesas Technology Corp FN6659 Datasheet HTML 14Page - Renesas Technology Corp FN6659 Datasheet HTML 15Page - Renesas Technology Corp FN6659 Datasheet HTML 16Page - Renesas Technology Corp FN6659 Datasheet HTML 17Page - Renesas Technology Corp FN6659 Datasheet HTML 18Page - Renesas Technology Corp FN6659 Datasheet HTML 19Page - Renesas Technology Corp FN6659 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 16 of 32
Oct 24, 2019
Example - When the LBAT85 is Set To “1” In Battery Mode:
The minute the register changes to 19h when the device is in
battery mode, the LBAT85 is set to “1” the next time the device
switches back to Normal Mode.
Example - When the LBAT85 Remains at “0” In Battery Mode:
If the device enters into battery mode after the minute register
reaches 20h and switches back to Normal Mode before the
minute register reaches 29h, then the LBAT85 bit will remain at
“0” the next time the device switches back to Normal Mode.
LOW BATTERY INDICATOR 75% BIT (LBAT75)
In Normal Mode (VDD), this bit indicates when the battery level
has dropped below the pre-selected trip levels. The trip points are
selected by three bits: VB75Tp2, VB75Tp1 and VB75Tp0 in the
PWR_VBAT registers. The LBAT75 detection happens
automatically once every minute when seconds register reaches
59. The detection can also be manually triggered by setting the
TSE bit in BETA register to “1”. The LBAT75 bit is set when the
VBAT has dropped below the pre-selected trip level, and will self
clear when the VBAT is above the pre-selected trip level at the
next detection cycle either by manual or automatic trigger.
In Battery Mode (VBAT), this bit indicates the device has entered
into battery mode by polling once every 10 minutes. The LBAT85
detection happens automatically once when the minute register
reaches x9h or x0h minutes.
Example - When the LBAT75 is Set to “1” in Battery Mode:
The minute register changes to 30h when the device is in battery
mode, the LBAT75 is set to “1” the next time the device switches
back to Normal Mode.
Example - When the LBAT75 Remains at “0” in Battery Mode:
If the device enters into battery mode after the minute register
reaches 49h and switches back to Normal Mode before minute
register reaches 50h, then the LBAT75 bit will remain at “0” the
next time the device switches back to Normal Mode.
REAL TIME CLOCK FAIL BIT (RTCF)
This bit is set to a “1” after a total power failure. This is a read
only bit that is set by hardware (ISL12022 internally) when the
device powers up after having lost all power (defined as VDD = 0V
and VBAT = 0V). The bit is set regardless of whether VDD or VBAT
is applied first. The loss of only one of the supplies does not set
the RTCF bit to “1”. The first valid write to the RTC section after a
complete power failure resets the RTCF bit to “0” (writing one
byte is sufficient).
Interrupt Control Register (INT)
AUTOMATIC RESET BIT (ARST)
This bit enables/disables the automatic reset of the ALM, LVDD,
LBAT85, and LBAT75 status bits only. When ARST bit is set to “1”,
these status bits are reset to “0” after a valid read of the
respective status register (with a valid STOP condition). When the
ARST is cleared to “0”, the user must manually reset the ALM,
LVDD, LBAT85, and LBAT75 bits.
WRITE RTC ENABLE BIT (WRTC)
The WRTC bit enables or disables write capability into the RTC
Timing Registers. The factory default setting of this bit is “0”.
Upon initialization or power-up, the WRTC must be set to “1” to
enable the RTC. Upon the completion of a valid write (STOP), the
RTC starts counting. The RTC internal 1Hz signal is synchronized
to the STOP condition during a valid write cycle.
INTERRUPT/ALARM MODE BIT (IM)
This bit enables/disables the interrupt mode of the alarm
function. When the IM bit is set to “1”, the alarm will operate in
the interrupt mode, where an active low pulse width of 250ms
will appear at the IRQ/FOUT pin when the RTC is triggered by the
alarm, as defined by the alarm registers (0Ch to 11h). When the
IM bit is cleared to “0”, the alarm will operate in standard mode,
where the IRQ/FOUT pin will be set low until the ALM status bit is
cleared to “0”.
FREQUENCY OUTPUT AND INTERRUPT BIT (FOBATB)
This bit enables/disables the IRQ/FOUT pin during
battery-backup mode (i.e., VBAT power source active). When the
FOBATB is set to “1”, the IRQ/FOUT pin is disabled during
battery-backup mode. This means that both the frequency output
and alarm output functions are disabled. When the FOBATB is
cleared to “0”, the IRQ/FOUT pin is enabled during battery-backup
mode. Note that the open drain IRQ/FOUT pin will need a pull-up
to the battery voltage to operate in battery-backup mode.
FREQUENCY OUT CONTROL BITS (FO<3:0>)
These bits enable/disable the frequency output function and select
the output frequency at the IRQ/FOUT pin. See Table 5 for frequency
selection. Default for the ISL12022 is FO<3:0> = 1h, or 32.768kHz
output. When the frequency mode is enabled, it will override the
alarm mode at the IRQ/FOUT pin.
TABLE 3. INTERRUPT CONTROL REGISTER (INT)
ADDR
7
6
5
4
3210
08h
ARST
WRTC
IM
FOBATB
FO3 FO2 FO1 FO0
TABLE 4.
IM BIT
INTERRUPT/ALARM FREQUENCY
0
Single Time Event Set By Alarm
1
Repetitive/Recurring Time Event Set By Alarm
TABLE 5. FREQUENCY SELECTION OF IRQ/FOUT PIN
FREQUENCY,
FOUT
UNITS
FO3
FO2
FO1
FO0
0
Hz
0
000
32768
Hz
0
001
4096
Hz
0
0
1
0
1024
Hz
0
011
64
Hz
0
100
32
Hz
0
101
16
Hz
0
110
8
Hz
0
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com