Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 4 Page - Analog Devices

  LT3040 Datasheet HTML 1Page - Analog Devices LT3040 Datasheet HTML 2Page - Analog Devices LT3040 Datasheet HTML 3Page - Analog Devices LT3040 Datasheet HTML 4Page - Analog Devices LT3040 Datasheet HTML 5Page - Analog Devices LT3040 Datasheet HTML 6Page - Analog Devices LT3040 Datasheet HTML 7Page - Analog Devices LT3040 Datasheet HTML 8Page - Analog Devices LT3040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LT3040
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ripple Rejection
NPN Region
V+ – VOUT = 2V (Avg.)
(Notes 4, 8, 19)
VRIPPLE = 500mVP-P, fRIPPLE = 120Hz, ILOAD = 200mA, COUT = 4.7µF, CIN = 4.7µF
VRIPPLE = 150mVP-P, fRIPPLE = 10kHz, ILOAD = 200mA, COUT = 4.7µF, CIN= 0.47µF
VRIPPLE = 150mVP-P, fRIPPLE = 100kHz, ILOAD = 200mA, COUT = 4.7µF, CIN = 0.47µF
VRIPPLE = 150mVP-P, fRIPPLE = 1MHz, ILOAD = 200mA, COUT = 4.7µF, CIN= 0.47µF
VRIPPLE = 80mVP-P, fRIPPLE = 10MHz, ILOAD = 200mA, COUT = 4.7µF, CIN = 0.47µF
117
88
76
73
56
dB
dB
dB
dB
dB
Ripple Rejection
PNP Region
V+ – VOUT = 2V (Avg.)
(Notes 4, 8, 19)
VRIPPLE = 50mVP-P, fRIPPLE = 120Hz, ILOAD = 200mA, COUT = 4.7µF, CIN = 4.7µF
VRIPPLE = 50mVP-P, fRIPPLE = 10kHz, ILOAD = 200mA, COUT = 4.7µF, CIN= 0.47µF
VRIPPLE = 50mVP-P, fRIPPLE = 100kHz, ILOAD = 200mA, COUT = 4.7µF, CIN = 0.47µF
VRIPPLE = 50mVP-P, fRIPPLE = 1MHz, ILOAD = 200mA, COUT = 4.7µF, CIN= 0.47µF
VRIPPLE = 50mVP-P, fRIPPLE = 10MHz, ILOAD = 200mA, COUT = 4.7µF, CIN = 0.47µF
104
88
76
67
57
dB
dB
dB
dB
dB
Fast Start Current Limit
VFS = VIN + 0.2V, 0.1V ≤ VIN ≤ 15V
10
mA
Fast Start Threshold
Turn ON (VFS – VIN)
Turn OFF (VFS – VIN)
100
7
mV
mV
FAULT Output Low Voltage
IFAULT = 100µA
l
100
200
mV
FAULT Leakage Current
VFAULT = 20V
l
1
µA
EN/UV Pin Threshold
EN/UV Trip Point Rising (Turn-On), V+ = 2V
l
1.18
1.24
1.32
V
EN/UV Pin Hysteresis
EN/UV Trip Point Hysteresis, V+ = 2V
170
mV
EN/UV Pin Current
VEN/UV = 0V, V+ = 20V
VEN/UV = 1.24V, V+ = 20V
VEN/UV = 20V, V+ = 0V
l
l
0.2
10
±1
20
µA
µA
µA
Quiescent Current in
Shutdown (VEN/UV = 0V)
V+ = 6V
l
0.3
2
10
µA
µA
Internal Current Limit
(Note 12)
V+ = 2V, VOUT = 0V
V+ = 12V, VOUT = 0V
V+ = 20V, VOUT = 0V
l
l
220
130
270
300
180
320
250
mA
mA
mA
Programmable Current Limit Programming Scale Factor: 2V < V+ < 20V (Note 11)
V+ = 2V, VOUT = 0V, RILIM = 625Ω
V+ = 2V, VOUT = 0V, RILIM = 2.5kΩ
l
l
180
45
125
200
50
220
55
mA•kΩ
mA
mA
Reverse Input Current
V+ = –20V, VEN/UV = 0V, VOUT = 0V, VIN = 0V
l
50
µA
Reverse Output Current
V+ = 0V, VOUT = 5V, VIN = Open
2
5
µA
Minimum Load Required
(Note 13)
VOUT < 1V
l
10
µA
Long Term Drift
(RIN = 0Ω)
(Note 20)
LT3040 DD Package (Measured at VIN = 1.25V)
250 Hours
1000 Hours
4500 Hours
LT3040 MSE Package (Measured at VIN = 1.25V)
250 Hours
1000 Hours
4500 Hours
3.2
5.2
6.7
2.3
3.5
5.1
µV
µV
µV
µV
µV
µV
Thermal Hysteresis (Note 18) ∆T = –40°C to 125°C
<±20
µV
Thermal Shutdown
TJ Rising
Hysteresis
162
8
°C
°C
Thermal Regulation
10mS Pulse
–0.01
%W
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com