Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3040 Datasheet HTML 5Page - Analog Devices LT3040 Datasheet HTML 6Page - Analog Devices LT3040 Datasheet HTML 7Page - Analog Devices LT3040 Datasheet HTML 8Page - Analog Devices LT3040 Datasheet HTML 9Page - Analog Devices LT3040 Datasheet HTML 10Page - Analog Devices LT3040 Datasheet HTML 11Page - Analog Devices LT3040 Datasheet HTML 12Page - Analog Devices LT3040 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT3040
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up Time with and without
Fast Start Enabled
Noise Spectral Density
Noise Spectral Density
Noise Spectral Density
Noise Spectral Density
Noise Spectral Density
Noise Spectral Density
Noise Spectral Density
Integrated RMS Output Noise
(10Hz to 100kHz)
TJ = 25°C, unless otherwise noted.
V+ = 2V
RIN = 1kΩ
CIN = 2.2µF
ILOAD = 1mA
REFERENCE VOLTAGE
POWERED UP
VOUT WITH FAST
START ENABLED
VOUT WITH FAST
START DISABLED
2ms/DIV
0.25V/DIV
3040 G28
V+ = 5V
VIN = 3.3V
CIN = 4.7µF
COUT = 4.7µF
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
3040 G31
V+ = 5V
VIN = 3.3V
CIN = 4.7µF
COUT = 4.7µF
ILOAD = 1mA
ILOAD = 20mA
FREQUENCY (Hz)
0.1
1
10
10
100
1k
3040 G34
V+ = 5V
VIN = 3.3V
COUT = 4.7µF
ILOAD = 200mA
CIN = 470nF
CIN = 4.7µF
CIN = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
3040 G29
V+ = VIN + 2V
CIN = 4.7µF
COUT = 4.7µF
ILOAD = 200mA
VIN = 3.3V
VIN = 0.3V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
3040 G32
V+ = VIN + 2V
CIN = 4.7µF
COUT = 4.7µF
ILOAD = 200mA
VIN = 0.3V
VIN = 3.3V
FREQUENCY (Hz)
0.1
1
10
10
100
1k
3040 G35
V+ = 5V
VIN = 3.3V
CIN = 4.7µF
ILOAD = 200mA
COUT = 4.7µF
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
3040 G30
V+ = 5V
VIN = 3.3V
COUT = 4.7µF
ILOAD = 200mA
CIN = 4.7µF
CIN = 22µF
FREQUENCY (Hz)
0.1
1
10
10
100
1k
3040 G33
V+ = 4.5V BATTERY
VIN = 3.3V
CIN = 4.7µF
COUT = 4.7µF
LOAD CURRENT (mA)
0 20 40 60 80 100 120 140 160 180 200
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
3040 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com