Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 7 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT3040 Datasheet HTML 3Page - Analog Devices LT3040 Datasheet HTML 4Page - Analog Devices LT3040 Datasheet HTML 5Page - Analog Devices LT3040 Datasheet HTML 6Page - Analog Devices LT3040 Datasheet HTML 7Page - Analog Devices LT3040 Datasheet HTML 8Page - Analog Devices LT3040 Datasheet HTML 9Page - Analog Devices LT3040 Datasheet HTML 10Page - Analog Devices LT3040 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LT3040
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Input Offset Voltage
Line Regulation
Line Regulation
Load Regulation
Load Regulation
Input Bias Current
Input Bias Current
Input Bias Current
Power Supply Ripple Rejection
TJ = 25°C, unless otherwise noted.
V+ = 20V
CIN = 4.7µF
COUT = 4.7µF
ILOAD = 1mA
PNP TO NPN DIFF
PAIR TRANSITION
TJ = 125°C
TJ = 25°C
TJ = –40°C
VIN (V)
0
2
4
6
8
10
12
14
16
–100
–80
–60
–40
–20
0
20
40
60
80
100
3040 G10
V+ = 2V
VIN = 0.3V
VIN = 1.25V
ILOAD (mA)
1
10
100
300
–50.0
–25.0
0
25.0
50.0
75.0
100.0
125.0
150.0
175.0
200.0
3040 G13
V+ = 2V
VIN = 0.3V
VIN = 1.25V
ILOAD (mA)
0 20 40 60 80 100 120 140 160 180 200
–100
–80
–60
–40
–20
0
20
40
60
80
100
3040 G16
ILOAD = 1mA
VIN = 0.3V
VIN = 1.25V
SUPPLY VOLTAGE (V)
0
2
4
6
8 10 12 14 16 18 20
–10.0
–9.0
–8.0
–7.0
–6.0
–5.0
–4.0
–3.0
–2.0
–1.0
0
3040 G11
V+ = 2V
ILOAD = 1mA TO 200mA
VIN = 0.3V
VIN = 1.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
25.0
50.0
75.0
100.0
125.0
150.0
175.0
200.0
225.0
250.0
3040 G14
VIN = 2.5V
ILOAD = 1mA
TJ = 125°C
TJ = 25°C
TJ = –40°C
V+ TO VIN DIFFERENTIAL (V)
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
–100
–50
0
50
100
150
200
250
300
350
400
450
500
3040 G17
V+ = 2V to 20V
ILOAD = 1mA
VIN = 0.3V
VIN = 1.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–20.0
–18.0
–16.0
–14.0
–12.0
–10.0
–8.0
–6.0
–4.0
–2.0
0
3040 G12
ILOAD = 1mA
VIN = 0.3V
VIN = 1.25V
V+ (V)
0
2
4
6
8 10 12 14 16 18 20
–100
–80
–60
–40
–20
0
20
40
60
80
100
3040 G15
V+ = 5V
VIN = 3.3V
COUT = 4.7µF
ILOAD = 200mA
CIN = 4.7µF
CIN = 0.47µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
20
30
40
50
60
70
80
90
100
110
120
3040 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com