Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3040 Datasheet HTML 16Page - Analog Devices LT3040 Datasheet HTML 17Page - Analog Devices LT3040 Datasheet HTML 18Page - Analog Devices LT3040 Datasheet HTML 19Page - Analog Devices LT3040 Datasheet HTML 20Page - Analog Devices LT3040 Datasheet HTML 21Page - Analog Devices LT3040 Datasheet HTML 22Page - Analog Devices LT3040 Datasheet HTML 23Page - Analog Devices LT3040 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LT3040
20
Rev. 0
For more information www.analog.com
the LT3040’s FS and VIN pins. The low pass filter (LPF)
created by this bypass resistor along with the VIN pin
capacitor bypasses the noise contribution from the volt-
age source. To ensure fast start-up of LT3040 with this
LPF in place, the LT3040’s fast start-up circuit charges
the VIN pin capacitor with a 10mA (typical) current source.
One problem that conventional linear regulators face is
that the resistor divider setting the output voltage gains up
the reference noise. In contrast, the LT3040’s unity-gain
follower architecture presents no gain from the VIN pin to
the output. Therefore, if a capacitor bypasses the voltage
source noise, then the output noise is independent of the
programmed output voltage. The resultant output noise
is then set just by the error amplifier’s noise — typically
4nV/√Hz from 10kHz to 1MHz and 1.2µVRMS in a 10Hz
to 100kHz bandwidth using a 4.7µF VIN pin capacitor.
Paralleling multiple LT3040s further reduces noise by
√N, for N parallel regulators.
Refer to the Typical Performance Characteristics section
for noise spectral density and RMS integrated noise over
various load currents and VIN pin capacitances.
VIN Pin (BYPASS) Capacitance: Noise, PSRR,
Transient Response and Soft-Start
In addition to reducing output noise, using a VIN pin
bypass capacitor also improves PSRR and transient per-
formance. Note that any bypass capacitor leakage may
deteriorate the LT3040’s DC regulation. Capacitor leakage
of 100nA results in a 100µV DC error for a 1k imped-
ance at the VIN pin. The use of a good quality low leakage
ceramic capacitor is recommended.
Using a VIN bypass capacitor may soft-start the output
and limit inrush current. If fast start functionality is not
used and a filter resistor (RIN) is used (refer to Figure 9)
then the RC time constant, formed by the VIN pin resistor
and capacitor, controls the soft start time. Ramp up rate
from 0% to 90% of nominal VOUT is:
tss = 2.3 • RIN • CIN
If the fast start functionality is used (see next section)
then the soft-start time is dependent on the amount of the
APPLICATIONS INFORMATION
capacitor used and the voltage input at the FS pin. In this
case the ramp up rate to within 10mV of nominal VOUT is:
tss(FS) = CIN • VFS/10mA
Figure 9.
V+
RFAULT
COUT
+
–
FS
VIN
GND ILIM
EN/UV
V+
VIN
FAULT
RIN
RILIM
CIN
CV+
LT3040
VOUT
RLOAD
QDRV
VFB
QPWR
OUT
3040 TA09
Low Pass Filter with Fast-Startup Disabled
Fast Start
For ultralow noise applications that require low 1/f noise,
a VIN filter with a very low frequency pole may be nec-
essary. This significantly increases the start-up time in
accordance with the RC time constant of the VIN filter.
The LT3040 incorporates fast start-up circuitry that
sources the VIN pin with a typical current of 10mA during
start-up to rapidly charge the filter capacitor, decreasing
start-up time.
The 10mA current source turns on if the FS to VIN differ-
ential is greater than 100mV and remains engaged if the
FS pin is greater than the VIN pin by 7mV. This current
decreases to 0mA as VIN pin charges to the FS pin volt-
age. If the regulator is in current limit, dropout, thermal
shutdown or if supply voltage is below minimum V+, the
fast start function is disabled.
While using the fast start functionality, if the VIN slew
rate approaches the FS slew rate during startup, the VIN
pin voltage may catch up to the FS pin while FS is ris-
ing. This will shut off the fast start current until FS rises
~100mV above VIN. This is intended operation. This turn
on and turn off will cause stair stepping at the VIN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com