Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3040 Datasheet HTML 12Page - Analog Devices LT3040 Datasheet HTML 13Page - Analog Devices LT3040 Datasheet HTML 14Page - Analog Devices LT3040 Datasheet HTML 15Page - Analog Devices LT3040 Datasheet HTML 16Page - Analog Devices LT3040 Datasheet HTML 17Page - Analog Devices LT3040 Datasheet HTML 18Page - Analog Devices LT3040 Datasheet HTML 19Page - Analog Devices LT3040 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LT3040
16
Rev. 0
For more information www.analog.com
The LT3040 is a high performance low dropout voltage
buffer featuring ADI’s ultralow noise (4nV/√Hz at 10kHz)
and ultrahigh PSRR (73dB at 1MHz) architecture for pow-
ering noise sensitive applications. Designed as a high-
performance rail-to-rail voltage buffer, the LT3040 can be
easily paralleled to further reduce noise, increase output
current and spread heat on the PCB. The device addition-
ally features programmable current limit, fast start-up
capability and fault indicator flag.
The LT3040 is easy to use and incorporates all of the pro-
tection features expected in a high-performance voltage
buffer. Included are short-circuit protection, safe operat-
ing area protection, reverse supply voltage protection,
reverse current protection and thermal shutdown with
hysteresis.
Output Voltage
The LT3040’s rail-to-rail error amplifier allows for a wide
output voltage range from 0V to V+ minus dropout—up
to 15V. A PNP-based input pair is active for 0V to ~0.9V
output and an NPN-based input pair is active for output
voltages greater than ~0.9V, with an abrupt transition
between the two input pairs at ~0.9V output with approxi-
mately 35mV of hysteresis. The NPN-based input pair is
designed to offer the best overall performance. Refer to
the Electrical Characteristics table for details on offset
voltage, VIN offset pin current, output noise and PSRR
variation with the error amp input pair.
The PNP and the NPN input pairs are trimmed separately
for offset voltage. As a result, the PNP and the NPN offsets
could end up significantly different from each other within
the offset limits specified in the EC table. The offset volt-
age behavior in the transition region for a typical part is
as shown in Figure 1. The range of variation in the offset
voltage is shown in Figure 2.
The LT3040 always operates in unity gain configuration.
This allows the LT3040 to have loop gain, frequency
response and bandwidth independent of the output volt-
age. As a result, noise, PSRR and transient performance
do not change with output voltage. Moreover, since none
APPLICATIONS INFORMATION
of the error amp gain is needed to amplify the VIN pin
voltage to a higher output voltage, output load regulation
is more tightly specified in the hundreds of microvolts
range and not as a fixed percentage of the output voltage.
If an application uses the LT3040 with a filter resistor from
FS to VIN or a current limit resistor into VIN, any leakage
paths to or from the VIN pin create errors in the output
voltage. If necessary, use high quality insulation (e.g.,
Teflon, Kel-F); moreover, cleaning of all insulating surfaces
to remove fluxes and other residues may be required.
High humidity environments may require a surface coat-
ing at the VIN pin to provide a moisture barrier.
Figure 1.
VIN RISING
VIN FALLING
VIN (V)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2.0
–100
–80
–60
–40
–20
0
20
40
60
80
100
3040 F01
PNP to NPN Diff Pair Transition
Figure 2.
TJ = 25°C
ILOAD=1mA
VOS[VIN = 0.95V]–VOS[VIN = 0.85V] (µV)
–150 –100
–50
0
50
100
150
0
10
20
30
40
50
60
70
80
90
100
3040 F02
PNP to NPN VOS Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com