Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3040 Datasheet HTML 9Page - Analog Devices LT3040 Datasheet HTML 10Page - Analog Devices LT3040 Datasheet HTML 11Page - Analog Devices LT3040 Datasheet HTML 12Page - Analog Devices LT3040 Datasheet HTML 13Page - Analog Devices LT3040 Datasheet HTML 14Page - Analog Devices LT3040 Datasheet HTML 15Page - Analog Devices LT3040 Datasheet HTML 16Page - Analog Devices LT3040 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT3040
13
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Forced Above VOUT(NOMINAL)
Load Transient Response
Line Transient Response
Line Transient Response
Output Noise: 0.1Hz to 10kHz
Output Noise: 10Hz to 100kHz
TJ = 25°C, unless otherwise noted.
V+ = 5V
VIN = 3.3V
RIN = 5kΩ
OUTPUT CURRENT
INPUT CURRENT
OUTPUT VOLTAGE (V)
4 5 6 7 8 9 10 11 12 13 14 15
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
3040 G64
LOAD STEP
OUTPUT VOLTAGE
V+ = 5V
VIN = 3.3V
COUT = 4.7µF
CIN = 0.47µF
LOAD STEP = 10mA TO 200mA
20µs/DIV
10mV/DIV
200mA/DIV
3040 G65
V+ = 4V to 4.5V
VIN = 3.3V
COUT = 4.7µF
CIN = 0.47µF
ILOAD = 200mA
tRISE = tFALL = 100ns
SUPPLY VOLTAGE
OUTPUT VOLTAGE
4µs/DIV
500mV/DIV
1mV/DIV
3040 G66
V+ = 4V to 4.5V
VIN = 3.3V
COUT = 4.7µF
CIN = 0.47µF
ILOAD = 200mA
tRISE = tFALL = 1µs
SUPPLY VOLTAGE
OUTPUT VOLTAGE
4µs/DIV
500mV/DIV
1mV/DIV
3040 G67
V+ = 4V
VIN = 2.5V (LTC6655 SUPPLYING VIN)
COUT = 4.7µF
CIN = 4.7µF
RIN = 5kΩ
ILOAD = 200mA
1s/DIV
0.2µV/DIV
3040 G68
V+ = 5V
VIN = 3.3V (LT3042 SUPPLYING VIN)
COUT = 4.7µF
CIN = 4.7µF
RIN = 5kΩ
ILOAD = 200mA
1ms/DIV
5µV/DIV
3040 G69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com