Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 3 Page - Analog Devices

  LT3040 Datasheet HTML 1Page - Analog Devices LT3040 Datasheet HTML 2Page - Analog Devices LT3040 Datasheet HTML 3Page - Analog Devices LT3040 Datasheet HTML 4Page - Analog Devices LT3040 Datasheet HTML 5Page - Analog Devices LT3040 Datasheet HTML 6Page - Analog Devices LT3040 Datasheet HTML 7Page - Analog Devices LT3040 Datasheet HTML 8Page - Analog Devices LT3040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LT3040
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum V+ Voltage
(Note 2)
ILOAD = 200mA, V+ UVLO Rising
V+ UVLO Hysteresis
l
1.78
55
2
V
mV
Output Offset Voltage
VOS (VOUT – VIN)
(Notes 4, 16)
V+ = 2V, ILOAD = 1mA, VOUT = 0.3V
V+ = 2V, ILOAD = 1mA, VOUT = 0.3V
V+ = 2V, ILOAD = 1mA, VOUT = 1.25V
V+ = 2V, ILOAD = 1mA, VOUT = 1.25V
l
l
–125
–300
–125
–300
125
300
125
300
µV
µV
µV
µV
Input Bias Current (IVIN)
(Notes 4, 15)
V+ = 2V, ILOAD = 1mA, VIN = 0.3V
l
–70
50
nA
V+ = 2V, ILOAD = 1mA, VIN = 1.25V
V+ = 2V, ILOAD = 1mA, VIN = 1.25V
l
–30
–75
30
50
nA
nA
Line Regulation (∆VOS)
V+ = 2V to 20V, ILOAD = 1mA, VOUT = 0.3V
V+ = 2V to 20V, ILOAD = 1mA, VOUT = 1.25V
l
l
0.5
0.5
±3
±3
µV/V
µV/V
Load Regulation (∆VOS)
ILOAD = 1mA to 200mA, V+ = 2V, VOUT = 0.3V (Note 4)
ILOAD = 1mA to 200mA, V+ = 2V, VOUT = 1.25V (Note 4)
l
l
0.1
0.1
0.5
0.5
mV
mV
Change in VOS with VIN
(Notes 4, 15, 19)
VIN = 0.1V to 0.85V, V+ = 20V, ILOAD = 1mA
VIN = 0.95V to 15V, V+ = 20V, ILOAD = 1mA
l
l
10
35
100
200
μV
μV
Dropout Voltage
V+ = VOUT(NOMINAL)
(Note 21)
ILOAD = 1mA
l
45
65
100
mV
mV
ILOAD = 50mA
l
155
220
310
mV
mV
ILOAD = 100mA (Note 5)
l
225
315
410
mV
mV
ILOAD = 200mA (Note 5)
l
350
520
600
mV
mV
GND Pin Current
V+ = VOUT(NOMINAL)
(Note 6)
ILOAD = 10μA
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
l
l
l
l
2.6
2.7
3.7
4.8
8
5
5.8
8
14
mA
mA
mA
mA
mA
Output Noise Spectral
Density (Notes 4, 8, 19)
ILOAD = 200mA, Frequency = 10Hz, COUT = 4.7µF, CIN = 0.47µF, VOUT = 3.3V
ILOAD = 200mA, Frequency = 10Hz, COUT = 4.7µF, CIN = 4.7µF, NPN Region
ILOAD = 200mA, Frequency = 10kHz, COUT = 4.7µF, CIN = 0.47µF, NPN Region
ILOAD = 200mA, Frequency = 10kHz, COUT = 4.7µF, CIN = 0.47µF, PNP Region
ILOAD = 200mA, Frequency = 0.1Hz, COUT = 4.7µF, CIN = 0.47µF, VOUT = 3.3V
ILOAD = 200mA, Frequency = 0.1Hz, COUT = 4.7µF, CIN = 4.7µF, NPN Region
ILOAD = 200mA, Frequency = 0.1Hz, COUT = 4.7µF, CIN = 0.47µF, NPN Region
ILOAD = 200mA, Frequency = 0.1Hz, COUT = 4.7µF, CIN = 0.47µF, PNP Region
45
25
4
6
300
300
300
200
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
Output RMS Noise
(Notes 4, 8, 19)
ILOAD = 200mA, BW = 10Hz to 100kHz, COUT = 4.7µF, CIN = 0.47µF, VOUT = 3.3V
ILOAD = 200mA, BW = 10Hz to 100kHz, COUT = 4.7µF, CIN = 4.7µF, NPN Region
ILOAD = 200mA, BW = 10Hz to 100kHz, COUT = 4.7µF, CIN = 4.7µF, PNP Region
ILOAD = 200mA, BW = 0.1Hz to 10Hz, COUT = 4.7µF, CIN = 0.47µF, VOUT = 3.3V
ILOAD = 200mA, BW = 0.1Hz to 10Hz, COUT = 4.7µF, CIN = 4.7µF, NPN Region
ILOAD = 200mA, BW = 0.1Hz to 10Hz, COUT = 4.7µF, CIN = 4.7µF, PNP Region
1.25
1.2
1.8
2.4
1.5
1
µVRMS
µVRMS
µVRMS
µVP-P
µVP-P
µVP-P
EA Switchover Point
(Note 19)
(PNP to NPN Input-Pair
Switchover)
V+ = 2V, ILOAD = 1mA, VIN Rising
V+ = 2V, ILOAD = 1mA, VIN Falling
917
882
mV
mV
EA Switchover Hysteresis
(Note 19)
(PNP to NPN Input-Pair
Switchover)
V+ = 2V, ILOAD = 1mA
35
mV
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com