Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 30 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT3040 Datasheet HTML 22Page - Analog Devices LT3040 Datasheet HTML 23Page - Analog Devices LT3040 Datasheet HTML 24Page - Analog Devices LT3040 Datasheet HTML 25Page - Analog Devices LT3040 Datasheet HTML 26Page - Analog Devices LT3040 Datasheet HTML 27Page - Analog Devices LT3040 Datasheet HTML 28Page - Analog Devices LT3040 Datasheet HTML 29Page - Analog Devices LT3040 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LT3040
30
Rev. 0
For more information www.analog.com
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2019
www.analog.com
11/19
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT3050
100mA LDO with Diagnostics and
Precision Current Limit
340mV Dropout Voltage, Low Noise: 30μVRMS, VIN = 1.8V to 45V, 3mm × 2mm DFN and
MSOP Packages
LT3060
100mA Low Noise LDO with Soft-Start 300mV Dropout Voltage, Low Noise: 30μVRMS, VIN = 1.8V to 45V, 2mm × 2mm DFN and
ThinSOT Packages
LT3082
200mA, Parallelable, Low Noise LDO
Outputs May Be Paralleled for Higher Output Current or Heat Spreading, Wide Input Voltage
Range: 1.2V to 40V, Low Value Input/Output Capacitors Required: 2.2µF, Single Resistor Sets
Output Voltage, 8-Lead SOT-23, 3-Lead SOT-223 and 8-Lead 3mm × 3mm DFN Packages
LT3085
500mA, Parallelable, Low Noise, Low
Dropout Linear Regulator
275mV Dropout (2-Supply Operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V, VOUT: 0V to
35.7V, Current-Based Reference with 1-Resistor VOUT Set, Directly Parallelable (No Op Amp
Required), Stable with Ceramic Capacitors; MS8E and 2mm × 3mm DFN-6 Packages
LT3042
200mA, Ultralow Noise and Ultrahigh
PSRR LDO
0.8μVRMS Noise and 79dB PSRR at 1MHz, VIN = 1.8V to 20V, 350mV Dropout Voltage,
Programmable Current Limit and Power Good, 3mm × 3mm DFN and MSOP Packages
LT6658
36V, Dual Output (150mA/50mA) Low
Noise Buffered Voltage Reference
0.05% Max, 10ppm/°C Max Drift, 1.5ppmP-P Noise (0.1Hz to 10Hz), 1.2V/1.8V/2.5V/3.3V/5V
Versions, MSOP-16E Package
LTC6655
Precision Low Noise Reference
2ppm/°C Max, 650nVP-P Noise (0.1Hz to 10Hz) 100% Tested at 25°C, –40°C and 125°C
LTC2641
Single 16-/14-/12-Bit VOUT DACs with
±1LSB INL, DNL
±1LSB (Max) INL, DNL, 3mm x 3mm DFN and MSOP Packages, 120µA Supply Current,
SPI Interface
3040 TA04
VOUT
VIN
ADR4533
V+
5V ±5%
RFAULT
200k
COUT
4.7µF
+
–
FS
VIN
GND ILIM
EN/UV
V+
FAULT
RIN
5k
RILIM
499
CREF
2.2µF
CIN
2.2µF
CV+
4.7µF
GND
LT3040
VOUT = 3.3V
IOUT(MAX) = 200mA
QDRV
VFB
QPWR
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com