Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3040 Datasheet HTML 19Page - Analog Devices LT3040 Datasheet HTML 20Page - Analog Devices LT3040 Datasheet HTML 21Page - Analog Devices LT3040 Datasheet HTML 22Page - Analog Devices LT3040 Datasheet HTML 23Page - Analog Devices LT3040 Datasheet HTML 24Page - Analog Devices LT3040 Datasheet HTML 25Page - Analog Devices LT3040 Datasheet HTML 26Page - Analog Devices LT3040 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LT3040
23
Rev. 0
For more information www.analog.com
Figure 11.
COUT
+
–
FS
VIN
GND ILIM
EN/UV
V+
VIN
FAULT
RIN
RILIM
CIN
LT3040
VOUT
IOUT(MAX) = 400mA
50m
50m
V+
COUT
+
–
FS
VIN
GND ILIM
EN/UV
V+
FAULT
RILIM
CV+
LT3040
VFB
QPWR
OUT
VFB
QPWR
OUT
3040 TA11
QDRV
QDRV
Parallel Devices
The small worst-case offset of 0.3mV for each paral-
leled LT3040 minimizes the required ballast resistor
value. Figure 11 illustrates that two LT3040s, each using
a 50mΩ PCB trace ballast resistor, provide better than
20% accurate output current sharing at full load. The two
50mΩ external resistors only add 10mV of output regula-
tion drop with a 400mA maximum current. With a 3.3V
output, this only adds 0.3% to the regulation accuracy.
As has been discussed previously, tie the VFB pin directly
to the output capacitor.
More than two LT3040s can also be paralleled for even
higher output current and lower output noise. Paralleling
multiple LT3040s is also useful for distributing heat on the
PCB. For applications with high supply-to-output voltage
differential, an input series resistor or resistor in parallel
with the LT3040 can also be used to spread heat.
PCB Layout Considerations
Given the LT3040’s high bandwidth and ultrahigh PSRR,
careful PCB layout must be employed to achieve full
device performance. Figure 12 shows an example layout
that delivers full performance of the regulator. Refer to the
LT3040’s DC2783A demo board manual for further details.
Figure 12.
3040 F12
Example DFN Layout
Thermal Considerations
The LT3040 has internal power and thermal limiting cir-
cuits that protect the device under overload conditions.
The thermal shutdown temperature is nominally 162°C
with about 8°C of hysteresis. For continuous normal
load conditions, do not exceed the maximum junction
temperature, (125°C for E-, I-grades). It is important to
consider all sources of thermal resistance from junction to
ambient. This includes junction-to-case, case-to-heat sink
interface, heat sink resistance or circuit board-to-ambient
as the application dictates. Additionally, consider all heat
sources in close proximity to the LT3040.
The undersides of the DFN and MSOP packages have
exposed metal from the lead frame to the die attachment.
Both packages allow heat to directly transfer from the die
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com