Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 2 Page - Analog Devices

  LT3040 Datasheet HTML 1Page - Analog Devices LT3040 Datasheet HTML 2Page - Analog Devices LT3040 Datasheet HTML 3Page - Analog Devices LT3040 Datasheet HTML 4Page - Analog Devices LT3040 Datasheet HTML 5Page - Analog Devices LT3040 Datasheet HTML 6Page - Analog Devices LT3040 Datasheet HTML 7Page - Analog Devices LT3040 Datasheet HTML 8Page - Analog Devices LT3040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT3040
2
Rev. 0
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
V+ Pin Voltage ....................................................... ±22V
EN/UV Pin Voltage ................................................ ±22V
V+-to-EN/UV Differential Voltage ........................... ±22V
FAULT Pin Voltage (Note 10) ..........................–0.3V, 22V
ILIM Pin Voltage (Note 10) ............................. –0.3V, 1V
VIN Pin Voltage (Note 10) ............................. –0.3V, 16V
VIN Pin Current (Note 7) .................................... ±20mA
VFB Pin Voltage (Note 10) ............................ –0.3V, 16V
VFB Pin Current (Note 7) ................................... ±20mA
OUT Pin Voltage (Note 10) ........................... –0.3V, 16V
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
10
9
6
7
8
4
5
3
2
1
OUT
VFB
GND
VIN
FS
V+
V+
EN/UV
FAULT
ILIM
1
2
3
4
5
6
V+
V+
V+
EN/UV
FAULT
ILIM
12
11
10
9
8
7
OUT
OUT
VFB
GND
VIN
FS
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 28°C/W, θJC = 6°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3040EMSE#PBF
LT3040EMSE#TRPBF
3040
12-Lead Plastic MSOP
–40°C to 125°C
LT3040IMSE#PBF
LT3040IMSE#TRPBF
3040
12-Lead Plastic MSOP
–40°C to 125°C
LT3040EDD#PBF
LT3040EDD#TRPBF
LHGM
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3040IDD#PBF
LT3040IDD#TRPBF
LHGM
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
OUT-to-VFB Differential (Note 14) ......................... ±1.2V
V+-to-OUT Differential ........................................... ±22V
V+-to-VFB Differential ............................................ ±22V
FS Pin Voltage (Note 10) .............................. –0.3V, 16V
Output Short-Circuit Duration ........................ Indefinite
Operating Junction Temperature Range (Note 9)
E-Grade, I-Grade .............................. –40°C to 125°C
Storage Temperature Range ................ –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSE Package .................................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com