Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3040 Datasheet HTML 13Page - Analog Devices LT3040 Datasheet HTML 14Page - Analog Devices LT3040 Datasheet HTML 15Page - Analog Devices LT3040 Datasheet HTML 16Page - Analog Devices LT3040 Datasheet HTML 17Page - Analog Devices LT3040 Datasheet HTML 18Page - Analog Devices LT3040 Datasheet HTML 19Page - Analog Devices LT3040 Datasheet HTML 20Page - Analog Devices LT3040 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LT3040
17
Rev. 0
For more information www.analog.com
Minimize board leakage by encircling the VIN pin with a
guard ring operated at a potential close to itself—ideally
tied to the OUT pin. Guarding both sides of the circuit
board is recommended. Bulk leakage reduction depends
on the guard ring width. Leakages of 100nA into or out
of the VIN pin creates a 100µV error (with a 1kΩ resistor
connecting to VIN) in the reference voltage. Leakages of
this magnitude, coupled with other sources of leakage,
can cause significant errors in the output voltage, espe-
cially over wide operating temperature range. Figure 3
illustrates a typical guard ring layout technique.
Figure 3.
3040 F03
11
OUT
VIN
10
9
6
7
8
4
5
3
2
1
DD Package Guard Ring Layout
Since the VIN pin is a high impedance node, unwanted
signals may couple into the VIN pin and cause erratic
behavior. This is most noticeable when operating with
a minimum output capacitor at heavy load currents.
Bypassing the VIN pin with a small capacitance to ground
if allowed by the application resolves this issue—10nF is
normally sufficient.
Output Sensing
The LT3040’s VFB pin provides a Kelvin sense connection
to the output.
Additionally, as shown in Figure 4, it is very important for
stability to tie the VFB pin directly to the output capacitor
(COUT) and the GND side of the VIN pin capacitor (CIN)
directly to the GND side of COUT as well as keeping the
GND sides of supply capacitor (CV+) and COUT close
together. Refer to the PCB Layout Considerations section
for an example layout that meets these requirements.
Figure 4.
3040 TA04
V+
RFAULT
COUT
+
–
FS
VIN
GND ILIM
EN/UV
V+
VIN
FAULT
RIN
RILIM
CIN
CV+
LT3040
VOUT
RLOAD
VFB
QPWR
OUT
QDRV
CIN and COUT Connections for Stability
The LT3040 requires an output capacitor for stability.
Given its high bandwidth (about 1MHz), ADI recommends
low ESR and ESL ceramic capacitors. A minimum 4.7µF
output capacitor with an ESR below 50mΩ and an ESL
below 2nH is required for stability. To minimize effects
of board inductances on the LT3040’s dynamic perfor-
mance, Kelvin connect the VFB pin directly to the output
capacitor as well as Kelvin connect the GND side of the VIN
pin capacitor (CIN) directly to the GND side of the output
capacitor. Also, tie the supply capacitor’s GND connec-
tion as close as possible to the output capacitor’s GND
connection.
Given the high PSRR and low noise performance attained
using a single 4.7µF ceramic output capacitor, larger val-
ues of output capacitor only marginally improves the
performance because the regulator bandwidth decreases
with increasing output capacitance — hence, there is little
to be gained by using larger than the minimum 4.7µF out-
put capacitor. Nonetheless, larger values of output capaci-
tance do decrease peak output deviations during a load
transient. Note that bypass capacitors used to decouple
individual components powered by the LT3040 increase
the effective output capacitance.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com