Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3040 Datasheet HTML 17Page - Analog Devices LT3040 Datasheet HTML 18Page - Analog Devices LT3040 Datasheet HTML 19Page - Analog Devices LT3040 Datasheet HTML 20Page - Analog Devices LT3040 Datasheet HTML 21Page - Analog Devices LT3040 Datasheet HTML 22Page - Analog Devices LT3040 Datasheet HTML 23Page - Analog Devices LT3040 Datasheet HTML 24Page - Analog Devices LT3040 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT3040
21
Rev. 0
For more information www.analog.com
voltage. Increasing the VIN cap value will smooth the VIN
pin start-up.
If fast start-up capability is not used, tie FS to VIN.
Figure 10.
3040 TA10
V+
RFAULT
COUT
+
–
FS
VIN
GND ILIM
EN/UV
V+
VIN
FAULT
RIN
RILIM
CIN
CV+
LT3040
VOUT
RLOAD
VFB
QPWR
OUT
QDRV
Low Pass Filter with Fast-Startup Enabled
VIN Slew Rate
The LT3040’s error amplifier is bandwidth limited. If the
VIN pin slews too fast in the positive direction, the error
amplifier reacts and enters current limit. If the VIN pin
voltage stops slewing, the LT3040’s bandwidth limitation
causes the output to overshoot significantly before set-
tling into regulation. In order to avoid undesirable over-
shoots at the output, ADI recommends limiting the VIN
pin slew rate to less than or equal to 1V/µs.
A similar behavior is expected for negative slew rates on
the VIN pin where the output undershoots significantly. If
VIN slews fast in the negative direction, the error ampli-
fier shuts off and the output discharge is a function of
the LT3040’s load current. Thus, larger undershoots are
expected at heavier load conditions.
To limit slew rates when using the fast start function-
ality of the LT3040, the minimum CIN requirement is
governed by:
100mA • COUT/ILIM ≤ CIN
where ILIM is the output current limit. The internal current
limit for LT3040 is around 280mA (180mA in foldback).
When using a minimum output capacitor without any
external current limit, use at least 2.2µF capacitor at the
VIN pin if using the fast start circuitry. This capacitor limits
the slew rate on the VIN pin while also ensuring that the
VIN pin doesn’t overshoot during fast start up. For appli-
cations with lower current limit or higher output capaci-
tance, a larger VIN capacitor is required.
Power Supply Sequencing
The LT3040 is able to withstand voltages as high as the
Absolute Maximum rating on the FS and VIN pins even
when the part is turned off. However, for optimum applica-
tion performance and to protect the peripheral circuitry
used with the LT3040, ADI recommends that the LT3040
is powered up (or enabled) before or in sync with the volt-
age application at VIN. During turn-off, ADI recommends
powering down VIN before or in sync with the LT3040.
The LT3040’s VIN pin is internally clamped to the VFB pin
(typical clamp voltage of 1.5V), if VIN is powered while
the LT3040 is shutdown, there is a possibility that the
Absolute Maximum rating for the voltage differential from
VIN to VFB or the current rating (max 20mA) on the VIN
and VFB pins or both may be exceeded; damaging the part.
In applications where the VIN supply is not current limited
to less than or equal to 20mA, connect a protection resis-
tor from the Voltage Source (Voltage Reference/Voltage
Output DAC) to the FS/VIN pin. Use a minimum resistor
of 50Ω/V to limit the current below the Abs Max Rating
of 20mA for the VIN to VFB clamp. For example, if con-
necting a 5V reference use at least a 250Ω (5V • 50Ω/V)
resistor. If the VIN pin is powered high while LT3040 is in
shutdown, the DC current flowing through the internal VIN
to VFB clamp may pull output above ground.
Filtering High Frequency Spikes
For applications where the LT3040 is used to post-regu-
late a switching converter, its high PSRR effectively sup-
presses any “noise” present at the switcher’s switching
frequency — typically 100kHz to 4MHz. However, the very
high frequency (100s of MHz) “spikes” — beyond the
LT3040’s bandwidth — associated with the switcher’s
power switch transition times will almost directly pass
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com