Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3040 Datasheet HTML 2Page - Analog Devices LT3040 Datasheet HTML 3Page - Analog Devices LT3040 Datasheet HTML 4Page - Analog Devices LT3040 Datasheet HTML 5Page - Analog Devices LT3040 Datasheet HTML 6Page - Analog Devices LT3040 Datasheet HTML 7Page - Analog Devices LT3040 Datasheet HTML 8Page - Analog Devices LT3040 Datasheet HTML 9Page - Analog Devices LT3040 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT3040
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Input Offset Voltage
Input Offset Voltage
Input Offset Voltage
Input Bias Current
Input Bias Current
Input Bias Current
Input Bias Current
Input Bias Current
Input Offset Voltage
TJ = 25°C, unless otherwise noted.
V+ = 2V
VIN = 0.3V
ILOAD = 1mA
N = 4448
DISTRIBUTION (µV)
–120 –90 –60 –30
0
30
60
90 120
0
125
250
375
500
625
750
3040 G01
V+ = 2V
VIN = 0.3V
ILOAD = 1mA
N = 4448
IVIN (nA)
–30
–20
–10
0
10
20
30
0
125
250
375
500
625
750
875
1000
3040 G04
V+ = 2V
VIN = 1.25V
ILOAD = 1mA
N = 4448
IVIN (nA)
–30
–20
–10
0
10
20
30
0
250
500
750
1000
1250
1500
3040 G05
V+ = 2V
VIN = 1.25V
ILOAD = 1mA
N = 4448
DISTRIBUTION (µV)
–120 –90 –60 –30
0
30
60
90 120
0
125
250
375
500
625
750
3040 G02
V+ = 2V
ILOAD = 1mA
VIN 0.3V
VIN 1.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–100
–80
–60
–40
–20
0
20
40
60
80
100
3040 G03
V+ = 2V
ILOAD = 1mA
VIN = 0.3V
VIN = 1.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–100
–80
–60
–40
–20
0
20
40
60
80
100
3040 G06
V+ = 20V
CIN = 4.7µF
COUT = 4.7µF
ILOAD = 1mA
PNP TO NPN DIFF
PAIR TRANSITION
TJ = 125°C
TJ = 25°C
TJ = –40°C
VIN (V)
0.0
0.2
0.4
0.6
0.8
1
–100
–80
–60
–40
–20
0
20
40
60
80
100
3040 G09
V+ = 20V
ILOAD = 1mA
PNP TO NPN DIFF
PAIR TRANSITION
TJ = 125°C
TJ = 25°C
TJ = –40°C
VIN (V)
0
2
4
6
8
10
12
14
16
–100
–80
–60
–40
–20
0
20
40
60
80
100
3040 G08
IOS CANCELLATION STOPS
WORKING BELOW 0.1V
V+ = 20V
ILOAD = 1mA
PNP TO NPN DIFF
PAIR TRANSITION
TJ = 125°C
TJ = 25°C
TJ = –40°C
VIN (V)
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
–100
–80
–60
–40
–20
0
20
40
60
80
100
3040 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com