Electronic Components Datasheet Search
  English  ▼

X  

LT3040 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3040
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR Precision DAC/Reference Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3040 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3040 Datasheet HTML 14Page - Analog Devices LT3040 Datasheet HTML 15Page - Analog Devices LT3040 Datasheet HTML 16Page - Analog Devices LT3040 Datasheet HTML 17Page - Analog Devices LT3040 Datasheet HTML 18Page - Analog Devices LT3040 Datasheet HTML 19Page - Analog Devices LT3040 Datasheet HTML 20Page - Analog Devices LT3040 Datasheet HTML 21Page - Analog Devices LT3040 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LT3040
18
Rev. 0
For more information www.analog.com
Give extra consideration to the type of ceramic capaci-
tors used. They are manufactured with variety of dielec-
trics, each with different behavior across temperature and
applied voltage. The most common dielectrics used are
specified with EIS temperature characteristic codes of
Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are
good for providing high capacitance in the small pack-
ages, but they tend to have stronger voltage and tempera-
ture coefficients as shown in Figure 5 and Figure 6. When
used with a 5V regulator, a 16V 10µF Y5V capacitor can
exhibit an effective value as low as 1µF to 2µF for the DC
bias voltage applied over the operating temperature range.
Figure 5.
DC BIAS VOLTAGE (V)
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
0
–100
–80
6
4
2
8
10
12
3040 F05
14
0
20
–60
–40
X5R
Y5V
–20
16
Ceramic Capacitor DC Bias Characteristics
Figure 6.
TEMPERATURE (°C)
–50
–100
–80
25
0
–25
50
75
100
3040 F06
0
20
40
–60
–40
Y5V
–20
125
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
X5R
Ceramic Capacitor Temperature Characteristics
APPLICATIONS INFORMATION
X5R and X7R dielectrics result in more stable character-
istics and are thus more suitable for LT3040. The X7R
dielectric has better stability across temperature, while
X5R is less expensive and is available in higher values.
Nonetheless, care must still be exercised when using
X5R and X7R capacitors. The X5R and X7R codes only
specify operating temperature range and the maximum
capacitance change over temperature. While capacitance
change due to DC bias for X5R and X7R is better than
Y5V and Z5U dielectrics, it can still be significant enough
to drop capacitance below sufficient levels. As shown
in Figure  7, capacitor DC bias characteristics tend to
improve as component case size increases, but verifica-
tion of expected capacitance at the operating voltage is
highly recommended.
Figure 7.
DC BIAS (V)
1
–100
–80
–60
–40
–20
0
20
5
10
15
20
3040 F07
25
1210, 2.2mm THICK
1206, 1.8mm THICK
0805, 1.4mm THICK
MURATA: X7R, 25V,4.7µF CERAMIC
Capacitor Voltage Coefficient for Different Case Sizes
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress
upon it, similar to how a piezoelectric microphone works.
For a ceramic capacitor, this stress can be induced by
mechanical vibrations within the system or due to
thermal transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com