Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 31 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 27Page - Analog Devices LTM2886 Datasheet HTML 28Page - Analog Devices LTM2886 Datasheet HTML 29Page - Analog Devices LTM2886 Datasheet HTML 30Page - Analog Devices LTM2886 Datasheet HTML 31Page - Analog Devices LTM2886 Datasheet HTML 32Page - Analog Devices LTM2886 Datasheet HTML 33Page - Analog Devices LTM2886 Datasheet HTML 34Page - Analog Devices LTM2886 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LTM2886
31
Rev C
For more information www.analog.com/LTM2886
2886 F24
ON
CS
I2
CS2
LTM2886-5S
VL
VCC
GND
SDI
SDI2
SDOE
SCK
5V
DO2
SCK2
V–
AVCC2
V+
VCC2
SDO
SDO2
DO1
I1
–5V UV
5V ENABLE
5V ENABLE
5V UV
–5V ENABLE
SWITCHED 5V
SWITCHED –5V
SWITCHED 5V
5V UV
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
L7
K6
L8
L6
L1
K1
K2
V2
LTC2902
CRT
COMP3
COMP2
COMP1
V3
COMP4
V1
V4
VREF
3
1
2
4
5
14
16
15
13
12
VPG
RDIS
RST
T0
GND
T1
6
7
8
11
10
9
0.1µF
10k
84.5k
9.53k
93.1k
20k
76.8k
100k
100k
IRF7509
IRF7509
IRLML2402
IRF7509
100k
100k
TYPICAL APPLICATIONS
Figure 24. Digitally Switched Triple Power Supply with Undervoltage Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com