Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 2 Page - Analog Devices

  LTM2886 Datasheet HTML 1Page - Analog Devices LTM2886 Datasheet HTML 2Page - Analog Devices LTM2886 Datasheet HTML 3Page - Analog Devices LTM2886 Datasheet HTML 4Page - Analog Devices LTM2886 Datasheet HTML 5Page - Analog Devices LTM2886 Datasheet HTML 6Page - Analog Devices LTM2886 Datasheet HTML 7Page - Analog Devices LTM2886 Datasheet HTML 8Page - Analog Devices LTM2886 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTM2886
2
Rev C
For more information www.analog.com/LTM2886
LTM2886-I
LTM2886-S
VCC
GND
DO1
GND2
GND2
I1
BGA PACKAGE
32-PIN (15mm
× 11.25mm × 3.42mm)
TOP VIEW
AVCC2
F
G
H
L
J
K
E
A
B
C
D
2
1
4
3
5
6
7
8
DNC
DO2
SDA
SCL
DI1 GND ON
VL
DNC
I2
SDA2
SCL2
O1 VCC2 V–
V+
TJMAX = 125°C, θJA = 25.5°C/W, θJC(BOTTOM) = 9.2°C/W,
θJC(TOP) = 16.6°C/W, θJBOARD = 9.9°C/W
θ VALUES DETERMINED PER JESD51-9, WEIGHT = 1.2g
VCC
GND
DO1
GND2
GND2
I1
BGA PACKAGE
32-PIN (15mm
× 11.25mm × 3.42mm)
TOP VIEW
AVCC2
F
G
H
L
J
K
E
A
B
C
D
2
1
4
3
5
6
7
8
DO2
SDO
SDI
SCK
CS SDOE ON
VL
I2
SDO2
SDI2
SCK2
CS2 VCC2 V–
V+
TJMAX = 125°C, θJA = 25.5°C/W, θJC(BOTTOM) = 9.2°C/W,
θJC(TOP) = 16.6°C/W, θJBOARD = 9.9°C/W
θ VALUES DETERMINED PER JESD51-9, WEIGHT = 1.2g
ABSOLUTE MAXIMUM RATINGS
VCC to GND .................................................. –0.3V to 6V
VL to GND .................................................... –0.3V to 6V
VCC2, AVCC2 to GND2 ................................... –0.3V to 6V
V+ to GND2 .................................................. –0.3V to 6V
V– to GND2 .................................................. 0.3V to –6V
Logic Inputs
DI1, SCK, SDI, CS, SCL, SDA, SDOE,
ON to GND ..................................–0.3V to (VL + 0.3V)
I1, I2, SDA2,
SDO2 to GND2........................–0.3V to (VCC2 + 0.3V)
(Note 1)
PIN CONFIGURATION
Logic Outputs
DO1, DO2, SDO to GND ..............–0.3V to (VL + 0.3V)
O1, SCK2, SDI2, CS2,
SCL2 to GND2 ........................–0.3V to (VCC2 + 0.3V)
Operating Temperature Range (Note 4)
LTM2886C ............................................... 0°C to 70°C
LTM2886I ............................................–40°C to 85°C
LTM2886H......................................... –40°C to 125°C
Maximum Internal Operating Temperature............ 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Body Reflow Temperature ............................ 245°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com