Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 6Page - Analog Devices LTM2886 Datasheet HTML 7Page - Analog Devices LTM2886 Datasheet HTML 8Page - Analog Devices LTM2886 Datasheet HTML 9Page - Analog Devices LTM2886 Datasheet HTML 10Page - Analog Devices LTM2886 Datasheet HTML 11Page - Analog Devices LTM2886 Datasheet HTML 12Page - Analog Devices LTM2886 Datasheet HTML 13Page - Analog Devices LTM2886 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTM2886
10
Rev C
For more information www.analog.com/LTM2886
TYPICAL PERFORMANCE CHARACTERISTICS
V– Efficiency
V– Voltage and ICC Current
vs Load Current
VCC2 Transient Response
100mA Load Step
V+ Transient Response
100mA Load Step
V– Transient Response
100mA Load Step
TA = 25°C, LTM2886-3 VCC = 3.3V,
LTM2886-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.
VCC2 Ripple
V+ Ripple
V– Ripple
LOAD CURRENT (mA)
0
70
20
10
30
40
50
60
0
1.4
1.0
0.8
0.2
0.6
0.4
1.2
0.0
200
250
100
50
150
2886 G20
300
LTM2886-3, VCC = 3.3V
LTM2886-5, VCC = 5V
EFFICIENCY
POWER LOSS
LOAD CURRENT (mA)
0
6
1
2
4
5
3
0
600
300
100
200
400
500
0
250
200
150
100
50
2886 G21
300
LTM2886-3, VCC = 3.3V
LTM2886-5, VCC = 5V
ICC CURRENT
VOLTAGE
100µs/DIV
0.5V/DIV
50mA/DIV
2886 G22
100µs/DIV
0.5V/DIV
50mA/DIV
2886 G23
100µs/DIV
0.5V/DIV
50mA/DIV
2886 G24
400ns/DIV
2886 G25
LOAD = 1mA
LOAD = 100mA
400ns/DIV
2886 G26
LOAD = 1mA
LOAD = 100mA
400ns/DIV
2886 G27
LOAD = 1mA
LOAD = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com