Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM2886
Description  SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 20Page - Analog Devices LTM2886 Datasheet HTML 21Page - Analog Devices LTM2886 Datasheet HTML 22Page - Analog Devices LTM2886 Datasheet HTML 23Page - Analog Devices LTM2886 Datasheet HTML 24Page - Analog Devices LTM2886 Datasheet HTML 25Page - Analog Devices LTM2886 Datasheet HTML 26Page - Analog Devices LTM2886 Datasheet HTML 27Page - Analog Devices LTM2886 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LTM2886
24
Rev C
For more information www.analog.com/LTM2886
APPLICATIONS INFORMATION
The isolated side clock pin, SCL2, has a weak push-pull
output driver; do not connect an external pull-up device.
SCL2 is compatible with I2C devices without clock stretch-
ing. On lightly loaded connections, a 100pF capacitor
from SCL2 to GND2 or RC lowpass filter (R = 500Ω,
C = 100pF) can be used to increase the rise and fall times
and minimize noise.
Some consideration must be given to signal coupling
between SCL2 and SDA2. Separate these signals on
a printed circuit board or route with ground between.
If these signals are wired off board, twist SCL2 with VCC2
and/or GND2 and SDA2 with GND2 and/or VCC2, do not
twist SCL2 and SDA2 together. If coupling between SCL2
and SDA2 is unavoidable, place the aforementioned RC
filter at the SCL2 pin to reduce noise injection onto SDA2.
Low Noise Applications
For precision analog applications the V+ and V– power
rails may be filtered to improve the noise performance.
Figure 14 shows the recommended component values to
reduce noise at high frequencies. The selected inductor
should be chosen such that the parasitic capacitance is
low enough to keep the self resonant frequency greater
than 10MHz. The plots of Figures 15 and 16 show the high
frequency noise improvement for the V+ rail, the improve-
ment on the V– rail will be nearly equivalent.
Some applications may require the noise performance be
improved in the 100Hz to 10kHz region. An additional LC
filter stage may be added between the LTM2886 and the
high frequency filter to lower the noise corner frequency.
Using an inductance of 330µH and capacitance of 680µF
reduces the noise corner to approximately 340Hz. The
RMSnoiseatabandwidthof340Hzisapproximately22µV.
Figure 12. Maximum Standard Speed Pull-Up Resistance on SDA
Figure 13. Maximum Fast Speed Pull-Up Resistance on SDA
Figure 14. Filtered Voltage Rails for Low Noise Applications
CBUS (pF)
10
30
25
5
10
15
20
0
100
2886 F12
1000
VL = 3V
VL = 3.3V
VL = 3.6V
VL = 4.5V TO 5.5V
CBUS (pF)
10
10
9
1
3
5
7
2
4
6
8
0
100
2886 F13
1000
VL = 3V
VL = 3.3V
VL = 3.6V
VL = 4.5V TO 5.5V
ON
CS
I2
CS2
LTM2886-5S
VL
VCC
GND
SDI
SDI2
SDOE
SCK
5V
DO2
SCK2
V–
AVCC2
V+
VCC2
SDO
SDO2
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
L7
K6
L8
22µH
FILTERED V+
FILTERED V–
2886 F15
10µF
10µF
22µH
L6
L1
K1
K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com